Electronic Components Datasheet Search
  English  ▼

X  

LBS4 Datasheet(PDF) 7 Page - Formosa MS

Part # LBS4
Description  SMD Bridge Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

LBS4 Datasheet(HTML) 7 Page - Formosa MS

  LBS4 Datasheet HTML 1Page - Formosa MS LBS4 Datasheet HTML 2Page - Formosa MS LBS4 Datasheet HTML 3Page - Formosa MS LBS4 Datasheet HTML 4Page - Formosa MS LBS4 Datasheet HTML 5Page - Formosa MS LBS4 Datasheet HTML 6Page - Formosa MS LBS4 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7
Formosa MS
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Forward Operation Life
5. Intermittent Operation Life
6. Pressure Cooker
7. Temperature Cycling
8. Thermal Shock
9. Forward Surge
10. Humidity
11. High Temperature Storage Life
at 260 5
for 10 2sec.
immerse body into solder 1/16"±1/32"
O
at 245±5 C for 5 sec.
O
V =80% rate at T =150 C for 168 hrs.
R
J
O
Rated average rectifier current at T =25 C for 500hrs.
A
O
T = 25 C, I = I
A
F
O
On state: power on for 5 min.
off state: power off for 5 min.
on and off for 500 cycles.
O
15P
at T =121 C for 4 hrs.
SIG
A
O
O
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
O
O
0 C for 5 min. rise to 100 C for 5 min. total 10 cycles.
8.3ms single half sine-wave superimposed
on rated load, one surge.
O
at T =85 C, RH=85% for 1000hrs.
A
O
at 175 C for 1000 hrs.
O
±
C
±
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-1056
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference
High reliability test capabilities
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
LBS05 THRU LBS10
DS-241172
2011/07/25
2012/04/05
B
7
SMD Bridge Rectifier



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com