Electronic Components Datasheet Search
  English  ▼

X  

LBS8 Datasheet(PDF) 2 Page - Formosa MS

Part # LBS8
Description  SMD Bridge Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

LBS8 Datasheet(HTML) 2 Page - Formosa MS

  LBS8 Datasheet HTML 1Page - Formosa MS LBS8 Datasheet HTML 2Page - Formosa MS LBS8 Datasheet HTML 3Page - Formosa MS LBS8 Datasheet HTML 4Page - Formosa MS LBS8 Datasheet HTML 5Page - Formosa MS LBS8 Datasheet HTML 6Page - Formosa MS LBS8 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1.0A Miniature Glass Passivated
Single-Phase Surface Mount
Bridge Rectifiers-50V-1000V
Features
Suffix "-H" indicates Halogen-free part, ex.LBS05-H.
•
•
•
•
•
•
Low profile surface mounted application in order to
optimize board space.
Rating to 1000V PRV
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique results in inexpensive product
Lead tin plated copper
Mechanical data
Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, LMBS
• Terminals : Solder plated, solderable per
MIL-STD-202, Method 208
• Polarity : marked on body
• Mounting Position : Any
• Weight : Approximated 0.080 gram
•
Package outline
Page 2
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Storage temperature
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
T
STG
A
A
μA
OC
1.0
30
5.0
+150
-55
O
V
= V
T = 25 C
R
RRM
J
LBS05
LBS1
LBS2
50
35
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =1.0A
F
V
F
(V)
*4
LBS4
LBS6
100
200
70
140
-55 to +150
400
600
280
420
50
100
200
400
600
1.10
Dimensions in inches and (millimeters)
LMBS
Formosa MS
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Thermal resistance
Junction to ambient
R
θJA
80
OC/W
LBS8
800
560
800
LBS10
1000
700
1000
at TA=40°C Mounted on P.C. board
O
V
= V
T = 125 C
R
RRM
J
500
LBS05 THRU LBS10
DS-241172
2011/07/25
2012/04/05
B
7
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Rating for fusing (t < 8.3 ms)
2
I t
2
A s
3.7
SMD Bridge Rectifier



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com