Electronic Components Datasheet Search
  English  ▼

X  

RB152G Datasheet(PDF) 2 Page - Formosa MS

Part # RB152G
Description  Bridge Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

RB152G Datasheet(HTML) 2 Page - Formosa MS

  RB152G Datasheet HTML 1Page - Formosa MS RB152G Datasheet HTML 2Page - Formosa MS RB152G Datasheet HTML 3Page - Formosa MS RB152G Datasheet HTML 4Page - Formosa MS RB152G Datasheet HTML 5Page - Formosa MS RB152G Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Package outline
Page 2
RB151G
RB152G
RB153G
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage @I =1.5A
F
V
F
(V)
*4
RB154G
RB155G
400
600
280
420
-55 to +150
RB156G
RB157G
800
1000
560
700
50
100
200
400
600
800
1000
1.10
Bridge Rectifier
Formosa MS
(C)
O
Operating
temperature
T,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Mechanical data
•
•
•
•
•
Case: Potted plastic round body RB-15
Epoxy: UL94-V0 rated flame retardant
Terminals: Solderable per MIL-STD-750 Method 2026
Polarity: As marked
Mounting Position: Any
RB151G THRU RB157G
Document ID
Issued Date
Revised Date
Revision
Page.
Dimensions in inches and (millimeters)
.181(4.6)
.150(3.8)
.386(9.8)
.354(9.0)
.921(23.4)
Min.
1.083(27.5)
Min.
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
.032(0.81)
.028(0.71)
Round Bridge (RB-15)
Features
•
•
•
• Lead-free parts for green partner, meet RoHS requirements
• Suffix "-H" indicates Halogen-free parts, ex. RΒ151G-H.
Surge overload rating 50 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique results in expensive product
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
I t Rating for fusing
2
See Fig.1
8.3ms single half sine-wave (JEDEC methode)
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
It
2
A
A
uA
As
2
1.5
50
10.0
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 100 C
R
RRM
J
O
1000
Storage temperature
T
STG
OC
+175
-65
t < 8.3 ms
10
Maximum ratings and Electrical characteristics (AT T =25
A
oC unless otherwise noted)
1.5A Glass Passivated Single-Phase
Bridge Rectifiers-50-1000V
DS-242137
2009/08/10
2012/01/31
B
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com