Electronic Components Datasheet Search
  English  ▼

X  

DS8673 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8673
Description  Low Power VHF/UHF Prescalers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8673 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS8673 Datasheet HTML 1Page - National Semiconductor (TI) DS8673 Datasheet HTML 2Page - National Semiconductor (TI) DS8673 Datasheet HTML 3Page - National Semiconductor (TI) DS8673 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF9340
April 1988
DS8673DS8674 Low Power VHFUHF Prescalers
General Description
The DS8673 and DS8674 products are low power prescal-
ers which divide by 64 and 256 respectively The devices
are used in frequency synthesis applications such as TV
CATV cellular phone and instrumentation to divide a very
high frequency down to a frequency usable by low power
MOS PLL’s
The devices have differential buffered inputs and comple-
mentary ECL outputs The inputs provide high input sensitiv-
ity and good isolation The DS8673 is pin compatible with
Plessey’s SP4531 SP4632 and Motorola’s MC12073 prod-
ucts The DS8674 is pin compatible with Plessey’s SP4653
and Motorola’s MC12074 products
Features
Y
10 GHz operating frequency
Y
25 mA typical supply current
Y
20 mV rms input sensitivity
Y
08V complementary ECL outputs
Y
Low output radiation
Block and Connection Diagrams
Dual-In-Line Package
TLF9340 – 1
Top View
Order Number DS8673N or DS8674N
See NS Package Number N08E
TLF9340 – 2
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS8673

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8614M-4 NSC-DS8614M-4 Datasheet
95Kb / 6P
130/225 MHz Low Power Dual Modulus Prescaler
July 1992
DS8614N NSC-DS8614N Datasheet
95Kb / 6P
130/225 MHz Low Power Dual Modulus Prescaler
July 1992
DS8615 NSC-DS8615 Datasheet
95Kb / 6P
130/225 MHz Low Power Dual Modulus Prescaler
July 1992
DS8615M-4 NSC-DS8615M-4 Datasheet
95Kb / 6P
130/225 MHz Low Power Dual Modulus Prescaler
July 1992
DS8615N NSC-DS8615N Datasheet
95Kb / 6P
130/225 MHz Low Power Dual Modulus Prescaler
July 1992
More results

Similar Description - DS8673

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
VHF/UHF TRANSMITTER
logo
National Semiconductor ...
DS8627 NSC-DS8627 Datasheet
92Kb / 4P
130/225 MHz Low Power Prescalers
logo
List of Unclassifed Man...
USP10 ETC1-USP10 Datasheet
46Kb / 1P
VHF/UHF TRANSISTOR
logo
Toshiba Semiconductor
MT3S106FS TOSHIBA-MT3S106FS Datasheet
144Kb / 5P
VHF-UHF Low Noise Amplifier Application
logo
Maxim Integrated Produc...
MAX2664 MAXIM-MAX2664 Datasheet
1Mb / 13P
VHF/UHF Low-Noise Amplifiers
Rev 0; 8/10
logo
M/A-COM Technology Solu...
MAPM-020512-040C00 MA-COM-MAPM-020512-040C00_2 Datasheet
97Kb / 2P
Broadband UHF/VHF Power Module
MAPM-030400-060C00 MA-COM-MAPM-030400-060C00 Datasheet
70Kb / 2P
Broadband UHF/VHF Power Module
logo
New Jersey Semi-Conduct...
2N3866 NJSEMI-2N3866 Datasheet
252Kb / 2P
NPN UHF/VHF POWER TRANSISTORS
logo
Advanced XTAL Products
AXE40 AXTAL-AXE40 Datasheet
99Kb / 3P
Low Phase Noise VHF/UHF SPXO
2014-04-04
logo
Toshiba Semiconductor
2SC2499 TOSHIBA-2SC2499 Datasheet
210Kb / 4P
VHF-UHF Low Noise Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com