Electronic Components Datasheet Search
  English  ▼

X  

TDA7469 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7469
Description  LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7469 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7469 Datasheet HTML 3Page - STMicroelectronics TDA7469 Datasheet HTML 4Page - STMicroelectronics TDA7469 Datasheet HTML 5Page - STMicroelectronics TDA7469 Datasheet HTML 6Page - STMicroelectronics TDA7469 Datasheet HTML 7Page - STMicroelectronics TDA7469 Datasheet HTML 8Page - STMicroelectronics TDA7469 Datasheet HTML 9Page - STMicroelectronics TDA7469 Datasheet HTML 10Page - STMicroelectronics TDA7469 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
TDA7469
Figure 4. Typical Application Circuit (SSO24)
1
VS
2
IN1-L
3
IN2-L
VS
4
MUX-L
5
TREBLE-L
MUX-L
10
PVS-L
PVS-L
11
SDA
SDA
VDD
12
14
13
9
SCL
OUT-L
GND
ALC
OUT-R
SCL
OUT-L
IN1-L
C2
0.1
µF
C3 0.47
µF
IN2-L
C4 0.47
µF
R1
10K
R3
R4
5.6K
R2
R8
R6
4.7
C1
10
µF
C5
3.3nF
C6
C17
C6
68nF
68nF
C9
0.1
µF
C10
C11
C12
0.1
µF
220
µF
220
µF
C8
10
µF
24
CREF
23
IN1-R
22
IN2-R
IN1-R
C22
22
µF
C21 0.47
µF
IN2-R
C20 0.47
µF
21
MUX-R
20
TREBLE-R
MUX-R
R9
10K
C19
3.3nF
6
BASSI-L
BASSO-L
PGND-L
C14
0.47
µF
7
5.6K
C18
68nF
68nF
19
BASSI-R
BASSO-R
18
8
15
PVS-R
PGND-R
PVS-R
C15
0.1
µF
C16
10
µF
17
16
OUT-R
R7
4.7
C13
0.1
µF
Jumper
STEREO MINI JAC
Jumper
J1
J2
For listering tests
D00AU1243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com