Electronic Components Datasheet Search
  English  ▼

X  

INA114 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA114
Description  Precision INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA114 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA114 Datasheet HTML 7Page - Texas Instruments INA114 Datasheet HTML 8Page - Texas Instruments INA114 Datasheet HTML 9Page - Texas Instruments INA114 Datasheet HTML 10Page - Texas Instruments INA114 Datasheet HTML 11Page - Texas Instruments INA114 Datasheet HTML 12Page - Texas Instruments INA114 Datasheet HTML 13Page - Texas Instruments INA114 Datasheet HTML 14Page - Texas Instruments INA114 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
®
INA114
11
FIGURE 8. RTD Temperature Measurement Circuit.
SEEBECK
ISA
COEFFICIENT
R2
R4
TYPE
MATERIAL
(
µV/°C)
(R3 = 100Ω)(R5 + R6 = 100Ω)
E
Chromel
58.5
3.48k
Ω
56.2k
Ω
Constantan
J
Iron
50.2
4.12k
Ω
64.9k
Ω
Constantan
K
Chromel
39.4
5.23k
Ω
80.6k
Ω
Alumel
T
Copper
38.0
5.49k
Ω
84.5k
Ω
Constantan
NOTES: (1) –2.1mV/
°C at 200µA. (2) R
7 provides down-scale burn-out indication.
FIGURE 9. Thermocouple Amplifier With Cold Junction Compensation.
INA114
R
G
Ref
V
O
100µA
V+
V+
R
Z
RTD
1
2
3
Equal line resistance here creates
a small common-mode voltage
which is rejected by INA114.
Resistance in this line causes
a small common-mode voltage
which is rejected by INA114.
V
O = 0V at RRTD = RZ
REF200
REF102
R
80.6k
4
Ω
R
1M
7
Ω
R
5.23k
2
Ω
R
27k
1
Ω
R
100
3
Ω
1N4148
Cu
Cu
R
50
5
Ω
R
100
Zero Adj
6
Ω
V+
K
6
10.0V
4
(1)
(2)
2
INA114
V
O
Ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com