Electronic Components Datasheet Search
  English  ▼

X  

INA110KU Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA110KU
Description  Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA110KU Datasheet(HTML) 2 Page - Texas Instruments

  INA110KU Datasheet HTML 1Page - Texas Instruments INA110KU Datasheet HTML 2Page - Texas Instruments INA110KU Datasheet HTML 3Page - Texas Instruments INA110KU Datasheet HTML 4Page - Texas Instruments INA110KU Datasheet HTML 5Page - Texas Instruments INA110KU Datasheet HTML 6Page - Texas Instruments INA110KU Datasheet HTML 7Page - Texas Instruments INA110KU Datasheet HTML 8Page - Texas Instruments INA110KU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
INA110
2
SBOS147A
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage ..................................................................................
±18V
Input Voltage Range ..........................................................................
±V
CC
Operating Temperature Range: G .................................. –55
°C to +125°C
P, U ............................... –25
°C to +85°C
Storage Temperature Range: G ..................................... –65
°C to +150°C
P, U ................................... –40
°C to +85°C
Lead Temperature (soldering, 10s): G, P ...................................... +300
°C
(soldering, 3s): U ............................................ +260
°C
Output Short Circuit Duration ............................... Continuous to Common
Top View
DIP/SOIC
PIN CONFIGURATION
–In
+In
R
G
Input Offset Adj.
Input Offset Adj.
Reference
–V
CC
+V
CC
x200
Output Offset Adj.
Output Offset Adj.
x10
x100
x500
Output Sense
Output
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
For the most current package and ordering information, see
the Package Option Addendum at the end of this document,
or see the TI website at www.ti.com.
PACKAGE/ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com