Electronic Components Datasheet Search
  English  ▼

X  

INA115BUG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA115BUG4
Description  Precision INSTRUMENTATION AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA115BUG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA115BUG4 Datasheet HTML 6Page - Texas Instruments INA115BUG4 Datasheet HTML 7Page - Texas Instruments INA115BUG4 Datasheet HTML 8Page - Texas Instruments INA115BUG4 Datasheet HTML 9Page - Texas Instruments INA115BUG4 Datasheet HTML 10Page - Texas Instruments INA115BUG4 Datasheet HTML 11Page - Texas Instruments INA115BUG4 Datasheet HTML 12Page - Texas Instruments INA115BUG4 Datasheet HTML 13Page - Texas Instruments INA115BUG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
®
INA115
FIGURE 5. Providing an Input Common-Mode Current Path.
FIGURE 4. Optional Trimming of Output Offset Voltage.
47k
Ω
47k
Ω
10k
Ω
Microphone,
Hydrophone
etc.
Thermocouple
Center-tap provides
bias current return.
INA115
INA115
INA115
INA115
V
IN
V
IN
R
G
–
+
10k
Ω
V
O
OPA177
Ref
±10mV
Adjustment Range
100
Ω
100
Ω
100µA
1/2 REF200
100µA
1/2 REF200
V+
V–
FIGURE 3. Switched-Gain Instrumentation Amplifier (improved gain drift).
R
1
R
2
R
3
R
4
R
5
R
6
R
7
GAIN STEPS
(
Ω)(Ω)(Ω)(Ω)(Ω)(Ω)(Ω)
1, 10, 100, 1000V/V
18k
1.8k
180
40
180
1.8k
18k
1, 2, 4, 8V/V
18k
9k
4.5k
9k
4.5k
9k
18k
1, 2, 5, 10V/V
18k
10.8k
3.6k
7.2k
3.6k
10.8k
18k
0, +3, +6, +9dB
18k
12.74k
9.02k
43.7k
9.02k
12.74k
18k
A
0
A
1
Gain
LL
1
HL
LH
H
H
Highest
A
1
A
2
A
3
12
11
10
25k
Ω
25k
Ω
25k
Ω
25k
Ω
13
7
5
4
V
IN
V
IN
INA115
V
O
–
+
Over-Voltage
Protection
25k
Ω
25k
Ω
Over-Voltage
Protection
Feedback
15
14
3
2
8
1
NC
NC
HI-509
–15V
+15V
16
1
2
14
3
15
8
9
4
5
6
7
10
11
12
13
R
1
R
2
R
3
R
4
R
5
R
6
R
7
A
1
A
0
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com