Electronic Components Datasheet Search
  English  ▼

X  

INA125 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA125
Description  INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA125 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA125 Datasheet HTML 7Page - Texas Instruments INA125 Datasheet HTML 8Page - Texas Instruments INA125 Datasheet HTML 9Page - Texas Instruments INA125 Datasheet HTML 10Page - Texas Instruments INA125 Datasheet HTML 11Page - Texas Instruments INA125 Datasheet HTML 12Page - Texas Instruments INA125 Datasheet HTML 13Page - Texas Instruments INA125 Datasheet HTML 14Page - Texas Instruments INA125 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
®
INA125
The 60k
Ω term in equation 1 comes from the internal metal
film resistors which are laser trimmed to accurate absolute
values. The accuracy and temperature coefficient of these
resistors are included in the gain accuracy and drift specifi-
cations of the INA125.
The stability and temperature drift of the external gain
setting resistor, RG, also affects gain. RG’s contribution to
gain accuracy and drift can be directly inferred from the gain
equation (1). Low resistor values required for high gain can
make wiring resistance important. Sockets add to the wiring
resistance, which will contribute additional gain error (pos-
sibly an unstable gain error) in gains of approximately 100
or greater.
OFFSET TRIMMING
The INA125 is laser trimmed for low offset voltage and
offset voltage drift. Most applications require no external
offset adjustment. Figure 2 shows an optional circuit for
trimming the output offset voltage. The voltage applied to
the IAREF terminal is added to the output signal. The op amp
buffer is used to provide low impedance at the IAREF
terminal to preserve good common-mode rejection.
FIGURE 2. Optional Trimming of Output Offset Voltage.
10k
Ω
OPA237
±10mV
Adjustment Range
100
Ω
100
Ω
100µA
1/2 REF200
100µA
1/2 REF200
V+
V–
R
G
INA125
IA
REF
V
O
V
IN
–
V
IN
+
INPUT BIAS CURRENT RETURN
The input impedance of the INA125 is extremely high—
approximately 1011
Ω. However, a path must be provided for
the input bias current of both inputs. This input bias current
flows out of the device and is approximately 10nA. High
input impedance means that this input bias current changes
very little with varying input voltage.
Input circuitry must provide a path for this input bias current
for proper operation. Figure 3 shows various provisions for
an input bias current path. Without a bias current path, the
inputs will float to a potential which exceeds the common-
mode range, and the input amplifiers will saturate.
If the differential source resistance is low, the bias current
return path can be connected to one input (see the thermo-
couple example in Figure 3). With higher source impedance,
using two equal resistors provides a balanced input with
possible advantages of lower input offset voltage due to bias
current and better high frequency common-mode rejection.
INPUT COMMON-MODE RANGE
The input common-mode range of the INA125 is shown in
the typical performance curves. The common-mode range is
limited on the negative side by the output voltage swing of
A2, an internal circuit node that cannot be measured on an
external pin. The output voltage of A2 can be expressed as:
V
02 = 1.3VIN – (VIN – VIN) (10kΩ/RG)
(voltages referred to IAREF terminal, pin 5)
The internal op amp A2 is identical to A1. Its output swing
is limited to approximately 0.8V from the positive supply
and 0.25V from the negative supply. When the input com-
mon-mode range is exceeded (A2’s output is saturated), A1
can still be in linear operation, responding to changes in the
non-inverting input voltage. The output voltage, however,
will be invalid.
PRECISION VOLTAGE REFERENCE
The on-board precision voltage reference provides an accu-
rate voltage source for bridge and other transducer applica-
tions or ratiometric conversion with analog-to-digital con-
verters. A reference output of 2.5V, 5V or 10V is available
by connecting VREFOUT (pin 4) to one of the VREF pins
(VREF2.5, VREF5, or VREF10). Reference voltages are laser-
trimmed for low inital error and low temperature drift.
Connecting VREFOUT to VREFBG (pin 13) produces the
bandgap reference voltage (1.24V
±0.5%) at the reference
output.
Positive supply voltage must be 1.25V above the desired
reference voltage. For example, with V+ = 2.7V, only the
1.24V reference (VREFBG) can be used. If using dual sup-
plies V
REFCOM can be connected to V–, increasing the
–
+
FIGURE 3. Providing an Input Common-Mode Current Path.
47k
Ω
47k
Ω
10k
Ω
Microphone,
Hydrophone
etc.
Thermocouple
Center-tap provides
bias current return.
INA125
INA125
INA125
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com