Electronic Components Datasheet Search
  English  ▼

X  

INA125P Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA125P
Description  INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA125P Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA125P Datasheet HTML 9Page - Texas Instruments INA125P Datasheet HTML 10Page - Texas Instruments INA125P Datasheet HTML 11Page - Texas Instruments INA125P Datasheet HTML 12Page - Texas Instruments INA125P Datasheet HTML 13Page - Texas Instruments INA125P Datasheet HTML 14Page - Texas Instruments INA125P Datasheet HTML 15Page - Texas Instruments INA125P Datasheet HTML 16Page - Texas Instruments INA125P Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
®
INA125
INPUT PROTECTION
The inputs of the INA125 are individually protected for
voltage up to
±40V. For example, a condition of –40V on
one input and +40V on the other input will not cause
damage. Internal circuitry on each input provides low series
impedance under normal signal conditions. To provide
equivalent protection, series input resistors would contribute
FIGURE 6. Psuedoground Bridge Measurement, 5V Single Supply.
excessive noise. If the input is overloaded, the protection
circuitry limits the input current to a safe value of approxi-
mately 120
µA to 190µA. The typical performance curve
“Input Bias Current vs Input Overload Voltage” shows this
input current limit behavior. The inputs are protected even if
the power supplies are disconnected or turned off.
A
1
Ref
Amp
2.5V
A
2
30k
Ω
10k
Ω
10k
Ω
30k
Ω
Bandgap
V
REF
13
12
14
15
16
4
6
9
10
11
IA
REF
5
2.5V(1)
(Psuedoground)
8
7
R
G
Load
Sense
INA125
V
REFCOM
V
REFBG
V
REF2.5
V
REF5
V
REF10
V
IN
+
V
IN
–
1
3
+5V
2
SLEEP
+
–
V
O = +2.5V + [(VIN – VIN) (4 +
)
]
+–
60k
Ω
R
G
NOTE: (1) “Psuedoground” is at +2.5V above actual ground.
This provides a precision reference voltage for succeeding
single-supply op amp stages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com