Electronic Components Datasheet Search
  English  ▼

X  

INA128P Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA128P
Description  INA12x Precision, Low Power Instrumentation Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA128P Datasheet(HTML) 4 Page - Texas Instruments

  INA128P Datasheet HTML 1Page - Texas Instruments INA128P Datasheet HTML 2Page - Texas Instruments INA128P Datasheet HTML 3Page - Texas Instruments INA128P Datasheet HTML 4Page - Texas Instruments INA128P Datasheet HTML 5Page - Texas Instruments INA128P Datasheet HTML 6Page - Texas Instruments INA128P Datasheet HTML 7Page - Texas Instruments INA128P Datasheet HTML 8Page - Texas Instruments INA128P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
INA128, INA129
SBOS051C – OCTOBER 1995 – REVISED OCTOBER 2015
www.ti.com
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V power supply
±2.25
±15
±18
V
Input common-mode voltage range for VO = 0
V – +2 V
V + –2 V
TA operating temperature INA128-HT
–55
175
°C
TA operating temperature INA129-HT
–55
210
°C
6.4 Thermal Information
INA12x
THERMAL METRIC(1)
D (SOIC)
P (PDIP)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
110
46.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
57
34.1
°C/W
RθJB
Junction-to-board thermal resistance
54
23.4
°C/W
ψJT
Junction-to-top characterization parameter
11
11.3
°C/W
ψJB
Junction-to-board characterization parameter
53
23.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
At TA = 25°C, VS = ±15 V, RL = 10 k
Ω, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
INA128P, U
±10±100/G
±50±500/G
INA129P, U
Initial
TA = 25°C
µV
INA128PA, UA
±25±100/G
±125±1000/G
INA129PA, UA
INA128P, U
±0.2±2/G
±0.5±0/G
INA129P, U
TA = TMIN to
vs Temperature
µV/°C
Offset
TMAX
INA128PA, UA
Voltage, RTI
±0.2±5/G
±1±20/G
INA129PA, UA
INA128P, U
±0.2±20/G
±1±100/G
INA129P, U
VS = ±2.25 V to
vs Power Supply
µV/V
±18 V
INA128PA, UA
±2±200/G
INA129PA, UA
Long-Term Stability
±0.1±3/g
µV/mo
Differential
1010 || 2
Impedance
Ω || pF
Common-Mode
1011 || 9
(V+) - 2
(V+) - 1.4
Common-Mode Voltage Range(1)
VO = 0 V
V
(V-) + 2
(V-) + 1.7
Safe Input Voltage
±40
V
(1)
Input common-mode range varies with output voltage - see Typical Characteristics.
4
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com