Electronic Components Datasheet Search
  English  ▼

X  

INA131 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA131
Description  Precision G = 100 INSTRUMENTATION AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA131 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA131 Datasheet HTML 2Page - Texas Instruments INA131 Datasheet HTML 3Page - Texas Instruments INA131 Datasheet HTML 4Page - Texas Instruments INA131 Datasheet HTML 5Page - Texas Instruments INA131 Datasheet HTML 6Page - Texas Instruments INA131 Datasheet HTML 7Page - Texas Instruments INA131 Datasheet HTML 8Page - Texas Instruments INA131 Datasheet HTML 9Page - Texas Instruments INA131 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
®
INA131
6
LARGE SIGNAL RESPONSE, G = 100
TYPICAL PERFORMANCE CURVES (CONT)
At 25
°C, V
S = ±15V, unless otherwise noted.
SMALL SIGNAL RESPONSE, G = 100
INPUT-REFERRED NOISE, 0.1 to 10Hz
1s/div
POSITIVE SIGNAL SWING vs TEMPERATUE (R
L = 2kΩ)
–75
16
14
12
10
8
6
4
2
0
125
Temperature (°C)
–50
–25
0
25
50
75
100
V
S = ±15V
V
S = ±11.4V
V
S = ±2.25V
NEGATIVE SIGNAL SWING vs TEMPERATUE (R
L = 2kΩ)
–75
–16
–14
–12
–10
–8
–6
–4
–2
0
125
Temperature (°C)
–50
–25
0
25
50
75
100
V
S = ±15V
V
S = ±11.4V
V
S = ±2.25V
QUIESCENT CURRENT AND POWER DISSIPATION
vs POWER SUPPLY VOLTAGE
0
2.6
2.5
2.4
2.3
2.2
2.1
2.0
Power Supply Voltage (V)
±3
±6
±9
±12
±15
±18
120
100
80
60
40
20
0
Power Dissipation
Quiescent Current
+10V
0
–10V
0.1
µV/div
0
–200mV
+200mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com