Electronic Components Datasheet Search
  English  ▼

X  

INA131AP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA131AP
Description  Precision G = 100 INSTRUMENTATION AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA131AP Datasheet(HTML) 5 Page - Texas Instruments

  INA131AP Datasheet HTML 1Page - Texas Instruments INA131AP Datasheet HTML 2Page - Texas Instruments INA131AP Datasheet HTML 3Page - Texas Instruments INA131AP Datasheet HTML 4Page - Texas Instruments INA131AP Datasheet HTML 5Page - Texas Instruments INA131AP Datasheet HTML 6Page - Texas Instruments INA131AP Datasheet HTML 7Page - Texas Instruments INA131AP Datasheet HTML 8Page - Texas Instruments INA131AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
®
INA131
5
TYPICAL PERFORMANCE CURVES (CONT)
At 25
°C, V
S = ±15V, unless otherwise noted.
SLEW RATE vs TEMPERATURE
–75
1.2
1.0
0.8
0.6
0.4
0.2
125
Temperature (°C)
–50
–25
0
25
50
75
100
OUTPUT CURRENT LIMIT vs TEMPERATURE
–40
30
25
20
15
10
85
Temperature (°C)
–15
10
35
60
+|I
CL|
–|I
CL|
QUIESCENT CURRENT vs TEMPERATURE
–75
2.8
2.6
2.4
2.2
2.0
1.8
125
Temperature (°C)
–50
–25
0
25
50
75
100
INPUT BIAS AND INPUT OFFSET CURRENT
vs TEMPERATURE
Temperature (°C)
–40
2
1
0
–1
–2
–15
10
35
60
85
±I
B
I
OS
INPUT BIAS CURRENT
vs INPUT VOLTAGE
Differential Overload Voltage (V)
–45
3
2
1
0
–1
–2
–3
–30
–15
0
15
30
45
Differential Mode
Common-Mode
(|I
B1| + |IB2|)
MAXIMUM OUTPUT SWING vs FREQUENCY
10
32
28
24
20
16
12
8
4
0
100
10k
1M
Frequency (Hz)
100k
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com