Electronic Components Datasheet Search
  English  ▼

X  

INA141 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA141
Description  Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA141 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA141 Datasheet HTML 2Page - Texas Instruments INA141 Datasheet HTML 3Page - Texas Instruments INA141 Datasheet HTML 4Page - Texas Instruments INA141 Datasheet HTML 5Page - Texas Instruments INA141 Datasheet HTML 6Page - Texas Instruments INA141 Datasheet HTML 7Page - Texas Instruments INA141 Datasheet HTML 8Page - Texas Instruments INA141 Datasheet HTML 9Page - Texas Instruments INA141 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
®
INA141
6
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C and VS = ±15V, unless otherwise noted.
OUTPUT VOLTAGE SWING
vs POWER SUPPLY VOLTAGE
V+
(V+)–0.4
(V+)–0.8
(V+)–1.2
(V–)+1.2
(V–)+0.8
(V–)+0.4
V–
0
5
10
15
20
Power Supply Voltage (V)
+25°C +85°C
–40°C
+25°C
–40°C
+85°C
R
L = 10kΩ
+85°C
–40°C
SHORT-CIRCUIT OUTPUT CURRENT
vs TEMPERATURE
18
16
14
12
10
8
6
4
2
0
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
–I
SC
+I
SC
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
30
25
20
15
10
5
0
1k
10k
100k
1M
G = 10, 100
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
100
1k
10k
1
0.1
0.01
0.001
100k
V
O = 1Vrms
G = 10V/V
R
L = 100kΩ
G = 100, R
L = 100kΩ
R
L = 10kΩ
500kHz Measurement
Bandwidth
Dashed Portion
is noise limited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com