Electronic Components Datasheet Search
  English  ▼

X  

INA145 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA145
Description  Programmable Gain DIFFERENCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA145 Datasheet(HTML) 3 Page - Texas Instruments

  INA145 Datasheet HTML 1Page - Texas Instruments INA145 Datasheet HTML 2Page - Texas Instruments INA145 Datasheet HTML 3Page - Texas Instruments INA145 Datasheet HTML 4Page - Texas Instruments INA145 Datasheet HTML 5Page - Texas Instruments INA145 Datasheet HTML 6Page - Texas Instruments INA145 Datasheet HTML 7Page - Texas Instruments INA145 Datasheet HTML 8Page - Texas Instruments INA145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
®
INA145
INA145UA
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE, VO
RTI(1, 2)
Input Offset Voltage
VOS
VCM = VO = 2.5V
±0.35
±1mV
vs Temperature
∆V
OS /∆T
See Typical Curve
vs Power Supply Rejection Ratio
PSRR
VS = ±1.35V to ±18V
±20
±60
µV/°C
vs Time
±0.3
µV/mo
Offset Voltage, V01
RTI(1, 2)
±0.55
mV
INPUT VOLTAGE RANGE
Common-Mode Voltage Range(3)
VCM
VIN+ – VIN– = 0V, VO = 2.5V
–2.5
5.5
V
Common-Mode Rejection Ratio
CMRR
VCM = –2.5V to +5.5V, RS = 0Ω
76
86
dB
Over Temperature
80
dB
INPUT BIAS CURRENT(2)
Bias Current
IB
±50
nA
Offset Current
IOS
±5nA
INPUT IMPEDANCE
Differential (non-inverting input)
80
k
Ω
Differential (inverting input)
27
k
Ω
Common-Mode
40
k
Ω
NOISE
RTI(1, 4)
Voltage Noise, f = 0.1Hz to 10Hz
2
µVp-p
Voltage Noise Density, f = 1kHz
en
90
nV/
√Hz
GAIN
G = 1 to 1000
V/V
Gain Equation
G = 1 + RG2 /RG1
V/V
Initial(1)
1V/V
Gain Error
RL = 100kΩ, VO = 0.15V to 4V, G = 1
±0.01
±0.1
%
vs Temperature
RL = 100kΩ, VO = 0.25V to 4V, G = 1
±2
±10
ppm /
°C
RL = 10kΩ, VO = 0.3V to 3.75V, G = 1
±0.01
±0.1
%
vs Temperature
RL = 10kΩ, VO = 0.5V to 3.75V, G = 1
±2
±10
ppm /
°C
Nonlinearity
RL = 10kΩ, VO = +0.3 to +3.75, G = 1
±0.001
±0.005
% of FS
FREQUENCY RESPONSE
Small Signal Bandwidth
G = 0.1
500
kHz
G = 1
50
kHz
Slew Rate
0.45
V/
µs
Settling Time, 0.1%
G = 1, 10V Step
40
µs
0.01%
G = 1, 10V Step
90
µs
Overload Recovery
50% Input Overload
40
µs
OUTPUT, VO
Voltage Output
RL = 100kΩ, G = 1
0.15
4
V
Over Temperature
RL = 100kΩ, G = 1
0.25
4
V
RL = 10kΩ, G = 1
0.3
3.75
V
Over Temperature
RL = 10kΩ, G = 1
0.5
3.75
V
Short-Circuit Current
Continuous to Common
±15
mA
Capacitive Load
Stable Operation
1000
pF
POWER SUPPLY
Specified Voltage Range, Single Supply
+4.5
+36
V
Operating Voltage Range
+2.7
+36
V
Quiescent Current
VIN = 0, IO = 0
550
700
µA
Over Temperature
800
µA
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
–55
+125
°C
Storage Range
–55
+125
°C
Thermal Resistance
θ
JA
150
°C/W
NOTES: (1) Referred to input pins (VIN+ and VIN–), Gain = 1V/V. Specified with 10kΩ in feedback of A2. (2) Input offset voltage specification includes effects of
amplifier’s input bias and offset currents. (3) Common-mode voltage range with single supply is 2(V+) – 2V – VREF to –VREF. (4) Includes effects of input current
noise and thermal noise contribution of resistor network.
SPECIFICATIONS: VS = +5V Single Supply
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C
At TA = +25°C, G = 1, RL = 10kΩ connected to ground and ref pin connected to 2.5V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com