Electronic Components Datasheet Search
  English  ▼

X  

INA146 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA146
Description  High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA146 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA146 Datasheet HTML 7Page - Texas Instruments INA146 Datasheet HTML 8Page - Texas Instruments INA146 Datasheet HTML 9Page - Texas Instruments INA146 Datasheet HTML 10Page - Texas Instruments INA146 Datasheet HTML 11Page - Texas Instruments INA146 Datasheet HTML 12Page - Texas Instruments INA146 Datasheet HTML 13Page - Texas Instruments INA146 Datasheet HTML 14Page - Texas Instruments INA146 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
®
INA146
FIGURE 7. Current Monitor, G = 1.
FIGURE 8. Comparator Output with Optional Hysteresis Application to Sense Lamp Burn-Out.
FIGURE 9. AC Coupling (DC Restoration).
FIGURE 10. Precision Current Source.
V
O
1V – 50mV
+5V
1
Ref
48
6
8.4k
Ω
INA146
5
7
Feedback
2
3
10M
Ω
8k
Ω
10k
Ω
1V
2k
Ω
Lamp
24V
SHUNT
R-I Lamp/10
e.g., 0.1
Ω for 1A
V
O
V
O1
18
6
R
G1
11k
Ω
R
C
100
Ω
R
S
100
Ω
R
G2
100k
Ω
INA146
5
2
Power
Supply
Load
3
For sense resistors (R
S)
greater than 10
Ω, use
series compensation
resistor (R
C) for good
common-mode rejection.
Sense resistors greater
than 500
Ω are not
recommended.
V
O
1
R
G1
11k
Ω
R
G2
100k
Ω
R
1
1M
Ω
INA146
OPA277
5
2
3
C
1
0.1
µF
V
IN
–
V
IN
+
Pole at
f =
= 1.6Hz
1
2
πR
1RC
V
O
I
OUT – (VIN – VIN)/10kΩ
V
O1
18
6
R
G2
10k
Ω
10k
Ω
INA146
5
2
3
V
IN
–
+
V
IN
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com