Electronic Components Datasheet Search
  English  ▼

X  

INA154 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA154
Description  High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA154 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA154 Datasheet HTML 3Page - Texas Instruments INA154 Datasheet HTML 4Page - Texas Instruments INA154 Datasheet HTML 5Page - Texas Instruments INA154 Datasheet HTML 6Page - Texas Instruments INA154 Datasheet HTML 7Page - Texas Instruments INA154 Datasheet HTML 8Page - Texas Instruments INA154 Datasheet HTML 9Page - Texas Instruments INA154 Datasheet HTML 10Page - Texas Instruments INA154 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
®
INA154
APPLICATIONS INFORMATION
Figure 1 shows the basic connections required for operation
of the INA154. Decoupling capacitors are strongly recom-
mended in applications with noisy or high impedance power
supplies. The capacitors should be placed close to the
device pins as shown in Figure 1.
As shown in Figure 1, the output is referred to the reference
terminal (pin 1). A voltage applied to this pin will be
summed with output signal. The differential input signal is
connected to pins 2 and 3. The source impedances con-
nected to the pinouts must be nearly equal to assure good
common-mode rejection. A 5
Ω mismatch in source imped-
ance will degrade the common-mode rejection of a typical
device to approximately 80dB (a 10
Ω mismatch degrades
CMR to 74dB). If the source has a known impedance
mismatch, an additional resistor in series with the opposite
input can be used to preserve good common-mode rejection.
Do not interchange pins 1 and 3 or pins 2 and 5, even though
nominal resistor values are equal. The resistors are laser
trimmed for precise resistor ratios to achieve accurate gain
and highest CMR. Interchanging these pins would not
provide specified performance.
OPERATING VOLTAGE
The INA154 operates from
±4V to ±18V supplies with
excellent performance. Most behavior remains unchanged
throughout the full operating voltage range. Parameters
which vary significantly with operating voltage are shown
in the Typical Performance Curves.
INPUT VOLTAGE RANGE
The INA154 can accurately measure differential signals
that are beyond the positive or negative power supply rails.
The linear common-mode range extends from 2•(V+) – 5V
to 2•(V–) +5V. See the Typical Performance Curve, “Input
Common-Mode Range vs Output Voltage.”
OFFSET VOLTAGE TRIM
The INA154 is laser trimmed for low offset voltage and
drift. Most applications require no external offset adjust-
ment. Figure 2 shows an optional circuit for trimming the
output offset voltage. The output is referred to the output
reference terminal (pin 1), which is normally grounded. A
voltage applied to the Ref terminal will be summed with the
output signal. This can be used to null offset voltage as
shown in Figure 2. The source impedance of a signal
applied to the Ref terminal should be less than 10
Ω to
maintain good common-mode rejection.
FIGURE 1. Basic Power Supply and Signal Connections.
V
3
5
6
3
V
O
INA154
V
O = V3 – V2
Offset Adjustment
Range =
±1V
2
R
3
R
1
R
2
R
4
V
2
10
Ω
150k
Ω
10
Ω
100k
Ω
+15V
–15V
1
FIGURE 2. Offset Adjustment.
V
3
5
6
3
INA154
V
OUT = V3 – V2
2
Ref
R
1
25k
Ω
R
3
25k
Ω
R
2
25k
Ω
R
4
V
2
25k
Ω
R
L
1
µF
V–
4
1
µF
V+
7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com