Electronic Components Datasheet Search
  English  ▼

X  

INA129PA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA129PA
Description  INA12x Precision, Low Power Instrumentation Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129PA Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA129PA Datasheet HTML 3Page - Texas Instruments INA129PA Datasheet HTML 4Page - Texas Instruments INA129PA Datasheet HTML 5Page - Texas Instruments INA129PA Datasheet HTML 6Page - Texas Instruments INA129PA Datasheet HTML 7Page - Texas Instruments INA129PA Datasheet HTML 8Page - Texas Instruments INA129PA Datasheet HTML 9Page - Texas Instruments INA129PA Datasheet HTML 10Page - Texas Instruments INA129PA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Output Voltage (V)
0
5
15
15
10
5
0
10
G = 1
G = 1
G ≥ 10
G ≥ 10
VD/2
+
+
VCM
V
V
O
D/2
Ref
15V
+15V
+
−5
−10
−15
−
−
−
−5
−10
−15
Output Voltage (V)
5
4
3
2
1
0
0
1
2
3
4
5
G = 1
G = 1
G ≥ 10
G ≥ 10
G ≥ 10
G = 1
−1
−2
−3
−4
−5
−1
−2
−3
−4
−5
VS = ±2.5V
VS = ±5V
Frequency (Hz)
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
G = 100V/V
G = 1000V/V
G = 1V/V
G = 10V/V
Frequency (Hz)
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
G = 100V/V
G = 1000V/V
G = 1V/V
G = 10V/V
Frequency (Hz)
10
100
10k
1M
1k
140
120
100
80
60
40
20
0
100k
G = 1V/V
G = 10V/V
G = 100V/V
G = 1000V/V
−
60
50
40
30
20
10
0
10
20
Frequency (Hz)
1k
10k
100k
1M
10M
G = 100V/V
G = 10V/V
G = 1V/V
G = 1000V/V
−
INA128, INA129
www.ti.com
SBOS051C – OCTOBER 1995 – REVISED OCTOBER 2015
6.6 Typical Characteristics
At TA = 25°C, VS = ±15 V, unless otherwise noted.
Figure 1. Gain vs Frequency
Figure 2. Common-Mode Rejection vs Frequency
Figure 3. Positive Power Supply Rejection vs Frequency
Figure 4. Negative Power Supply Rejection vs Frequency
Figure 5. Input Common-Mode Range vs Output Voltage,
Figure 6. Input Common-Mode Range vs Output Voltage,
VS = ±15 V
VS = ±5 V, ±2.5 V
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com