Electronic Components Datasheet Search
  English  ▼

X  

INA2128 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA2128
Description  Dual, Low Power INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2128 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA2128 Datasheet HTML 4Page - Texas Instruments INA2128 Datasheet HTML 5Page - Texas Instruments INA2128 Datasheet HTML 6Page - Texas Instruments INA2128 Datasheet HTML 7Page - Texas Instruments INA2128 Datasheet HTML 8Page - Texas Instruments INA2128 Datasheet HTML 9Page - Texas Instruments INA2128 Datasheet HTML 10Page - Texas Instruments INA2128 Datasheet HTML 11Page - Texas Instruments INA2128 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
INA2128
8
SBOS035A
www.ti.com
APPLICATION INFORMATION
Figure 1 shows the basic connections required for operation
of the INA2128. Applications with noisy or high impedance
power supplies may require decoupling capacitors close to
the device pins as shown.
The output is referred to the output reference (Ref) terminals
(RefA and RefB) which are normally grounded. These must
be low-impedance connections to assure good common-
mode rejection. A resistance of 8
Ω in series with a Ref pin
will cause a typical device to degrade to approximately
80dB CMR (G = 1).
The INA2128 has separate output sense feedback connec-
tions, SenseA and SenseB. These must be connected to their
respective output terminals for proper operation. The output
sense connection can be used to sense the output voltage
directly at the load for best accuracy.
SETTING THE GAIN
Gain of the INA2128 is set by connecting a single external
resistor, RG, connected as shown:
Commonly-used gains and resistor values are shown in
Figure 1.
The 50k
Ω term in Equation 1 comes from the sum of the two
internal feedback resistors, A1 and A2. These on-chip metal
film resistors are laser-trimmed to accurate absolute values.
The accuracy and temperature coefficient of these resistors
are included in the gain accuracy and drift specifications of
the INA2128.
The stability and temperature drift of the external gain
setting resistor, RG, also affects gain. RG’s contribution to
gain accuracy and drift can be directly inferred from the gain
equation (1). Low resistor values required for high gain can
make wiring resistance important. Sockets add to the wiring
resistance which will contribute additional gain error in
gains of approximately 100 or greater.
DYNAMIC PERFORMANCE
The typical performance curve “Gain vs Frequency” shows
that despite its low quiescent current, the INA2128 achieves
wide bandwidth, even at high gain. This is due to its current-
feedback topology. Settling time also remains excellent at
high gain—see “Settling Time vs Gain.”
NOISE PERFORMANCE
The INA2128 provides very low noise in most applications.
Low frequency noise is approximately 0.2
µV
PP measured
from 0.1 to 10Hz (G
≥ 100). This provides dramatically
improved noise when compared to state-of-the-art chopper-
stabilized amplifiers.
G
= 1 +
50k
Ω
R
G
(1)
FIGURE 1. Basic Connections.
DESIRED
RG
NEAREST 1% RG
GAIN
(
Ω)(Ω)
1NC
NC
2
50.00k
49.9k
5
12.50k
12.4k
10
5.556k
5.62k
20
2.632k
2.61k
50
1.02k
1.02k
100
505.1
511
200
251.3
249
500
100.2
100
1000
50.05
49.9
2000
25.01
24.9
5000
10.00
10
10000
5.001
4.99
NC: No Connection.
A
1
A
2
A
3
6
(11)
7
Sense
(10)
(12)
(13)
(14)
(16)
(15)
40k
Ω
40k
Ω
40k
Ω
40k
Ω
9
8
2
4
3
1
Pin numbers for
Channel B shown
in parentheses.
V
IN
V
IN
R
G
V+
V–
INA2128
G = 1 +
50k
Ω
R
G
–
+
5
Over-Voltage
Protection
25k
Ω
25k
Ω
Over-Voltage
Protection
Load
V
O = G • (VIN – VIN)
+
–
0.1
µF
0.1
µF
NOTE: If channel is unused,
connect inputs to ground, sense
to V
O, and leave Ref open-circuit.
+
–
V
O
R
G
Also drawn in simplified form:
INA2128
Ref
V
O
V
IN
–
V
IN
+
Ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com