Electronic Components Datasheet Search
  English  ▼

X  

INA2128U Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA2128U
Description  Dual, Low Power INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2128U Datasheet(HTML) 2 Page - Texas Instruments

  INA2128U Datasheet HTML 1Page - Texas Instruments INA2128U Datasheet HTML 2Page - Texas Instruments INA2128U Datasheet HTML 3Page - Texas Instruments INA2128U Datasheet HTML 4Page - Texas Instruments INA2128U Datasheet HTML 5Page - Texas Instruments INA2128U Datasheet HTML 6Page - Texas Instruments INA2128U Datasheet HTML 7Page - Texas Instruments INA2128U Datasheet HTML 8Page - Texas Instruments INA2128U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
INA2128
2
SBOS035A
www.ti.com
Supply Voltage ..................................................................................
±18V
Analog Input Voltage Range .............................................................
±40V
Output Short-Circuit (to ground) .............................................. Continuous
Operating Temperature .................................................. –40
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
PIN CONFIGURATION
Top View
SOIC
V
INA
V
INA
R
GA
R
GA
V
INB
V
INB
R
GB
R
GB
1
2
3
4
Ref
A
V
OA
Sense
A
V–
5
6
7
8
16
15
14
13
Ref
B
V
OB
Sense
B
V+
12
11
10
9
–
+
–
+
ORDERING INFORMATION(1)
PACKAGE
TEMPERATURE
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
INA2128UA
SOIC-16
DW
–40
°C to +85°C
INA2128U
SOIC-16
DW
–40
°C to +85°C
NOTES: (1) For the most current package and ordering information, see the
Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com