Electronic Components Datasheet Search
  English  ▼

X  

INA129UG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA129UG4
Description  INA12x Precision, Low Power Instrumentation Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129UG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA129UG4 Datasheet HTML 5Page - Texas Instruments INA129UG4 Datasheet HTML 6Page - Texas Instruments INA129UG4 Datasheet HTML 7Page - Texas Instruments INA129UG4 Datasheet HTML 8Page - Texas Instruments INA129UG4 Datasheet HTML 9Page - Texas Instruments INA129UG4 Datasheet HTML 10Page - Texas Instruments INA129UG4 Datasheet HTML 11Page - Texas Instruments INA129UG4 Datasheet HTML 12Page - Texas Instruments INA129UG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Frequency (Hz)
100
1k
10k
1
0.1
0.01
0.001
100k
V
O = 1Vrms
G = 1
R
L = 10kΩ
G = 10V/V
R
L = 100kΩ
G = 100, R
L = 100kΩ
G = 1, R
L = 100kΩ
500kHz Measurement
Bandwidth
Dashed Portion
is noise limited.
G = 1
20mV/div
G = 10
5µs/div
Frequency (Hz)
30
25
20
15
10
5
0
1k
10k
100k
1M
G = 1
G = 10, 100
G = 1000
18
16
14
12
10
8
6
4
2
0
0
25
50
75
100
125
−25
−50
−75
Temperature (°C)
−ISC
+ISC
(V−)+1.2
(V−)
(V+)
(V+)−0.4
(V+)−0.8
(V+)−1.2
(V−)+0.8
(V−)+0.4
0
5
10
15
20
Power Supply Voltage (V)
R
L = 10kΩ
−40°C
+85°C
+25°C
−40°C
+85°C
−40°C
+25°C
+85°C
(V−)+1.2
(V−)
(V+)
0
1
2
3
4
Output Current (mA)
(V+)−0.4
(V+)−0.8
(V+)−1.2
(V−)+0.8
(V−)+0.4
(V−)+1.2
(V−)
(V+)
(V+)−0.4
(V+)−0.8
(V+)−1.2
(V−)+0.8
(V−)+0.4
INA128, INA129
www.ti.com
SBOS051C – OCTOBER 1995 – REVISED OCTOBER 2015
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, unless otherwise noted.
Figure 13. Output Voltage Swing vs Output Current
Figure 14. Output Voltage Swing vs Power Supply Voltage
Figure 15. Short Circuit Output Current vs Temperature
Figure 16. Maximum Output Voltage vs Frequency
Figure 17. Total Harmonic Distortion + Noise vs Frequency
Figure 18. Small Signal (G = 1, 10)
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com