Electronic Components Datasheet Search
  English  ▼

X  

INA128 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA128
Description  INA12x Precision, Low Power Instrumentation Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA128 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA128 Datasheet HTML 10Page - Texas Instruments INA128 Datasheet HTML 11Page - Texas Instruments INA128 Datasheet HTML 12Page - Texas Instruments INA128 Datasheet HTML 13Page - Texas Instruments INA128 Datasheet HTML 14Page - Texas Instruments INA128 Datasheet HTML 15Page - Texas Instruments INA128 Datasheet HTML 16Page - Texas Instruments INA128 Datasheet HTML 17Page - Texas Instruments INA128 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
10kΩ
OPA177
100Ω
100Ω
1/2 REF200
1/2 REF200
V+
R
G
INA128
Ref
V
O
V
IN
V
IN
+
−
±10mV
Adjustment Range
V−
100µA
100µA
INA128, INA129
SBOS051C – OCTOBER 1995 – REVISED OCTOBER 2015
www.ti.com
Typical Application (continued)
8.2.2 Detailed Design Procedure
8.2.2.1 Setting the Gain
Gain is set by connecting a single external resistor, RG, connected between pins 1 and 8:
INA128: g = 1 + 50 k
Ω/RG
(1)
Commonly used gains and resistor values are shown in Figure 24.
The 50-k
Ω term in Equation 1 comes from the sum of the two internal feedback resistors of A1 and A2. These on-
chip metal film resistors are laser-trimmed to accurate absolute values. The accuracy and temperature coefficient
of these internal resistors are included in the gain accuracy and drift specifications of the INA128.
The stability and temperature drift of the external gain setting resistor, RG, also affects gain. RG’s contribution to
gain accuracy and drift can be directly inferred from Equation 1. Low resistor values required for high gain can
make wiring resistance important. Sockets add to the wiring resistance, which contributes additional gain error
(possibly an unstable gain error) in gains of approximately 100 or greater.
8.2.2.2 Dynamic Performance
The typical performance curve Figure 1 shows that, despite its low quiescent current, the INA12x achieves wide
bandwidth even at high gain. This is due to the current-feedback topology of the input stage circuitry. Settling
time also remains excellent at high gain.
8.2.2.3 Offset Trimming
The INA12x is laser-trimmed for low-offset voltage and offset voltage drift. Most applications require no external
offset adjustment. Figure 25 shows an optional circuit for trimming the output offset voltage. The voltage applied
to the Ref terminal is summed with the output. The op amp buffer provides low impedance at the Ref terminal to
preserve good common-mode rejection.
Figure 25. Optional Trimming of Output Offset Voltage
8.2.2.4 Input Bias Current Return Path
The input impedance of the INA12x is extremely high: approximately 1010
Ω. However, a path must be provided
for the input bias current of both inputs. This input bias current is approximately ±2 nA. High input impedance
means that this input bias current changes very little with varying input voltage.
Input circuitry must provide a path for this input bias current for proper operation. Figure 26 shows various
provisions for an input bias current path. Without a bias current path, the inputs will float to a potential which
exceeds the common-mode range, and the input amplifiers will saturate.
14
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com