Electronic Components Datasheet Search
  English  ▼

X  

TPS22918DBVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22918DBVR
Description  5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22918DBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS22918DBVR Datasheet HTML 17Page - Texas Instruments TPS22918DBVR Datasheet HTML 18Page - Texas Instruments TPS22918DBVR Datasheet HTML 19Page - Texas Instruments TPS22918DBVR Datasheet HTML 20Page - Texas Instruments TPS22918DBVR Datasheet HTML 21Page - Texas Instruments TPS22918DBVR Datasheet HTML 22Page - Texas Instruments TPS22918DBVR Datasheet HTML 23Page - Texas Instruments TPS22918DBVR Datasheet HTML 24Page - Texas Instruments TPS22918DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
TPS22918
www.ti.com
SLVSD76B – FEBRUARY 2016 – REVISED JUNE 2016
Product Folder Links: TPS22918
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.2.3 Application Curves
VIN = 5 V
CL = 22 µF
CT = 0 µF
Figure 30. TPS22918 Inrush Current
VIN = 5 V
CL = 22 µF
CT = 220 µF
Figure 31. TPS22918 Inrush Current
10 Power Supply Recommendations
The device is designed to operate from a VIN range of 1 V to 5.5 V. This supply must be well regulated and
placed as close to the device terminal as possible with the recommended 1-µF bypass capacitor. If the supply is
located more than a few inches from the device terminals, additional bulk capacitance may be required in
addition to the ceramic bypass capacitors. If additional bulk capacitance is required, an electrolytic, tantalum, or
ceramic capacitor of 1 µF may be sufficient.
The TPS22918 operates regardless of power sequencing order. The order in which voltages are applied to VIN
and ON will not damage the device as long as the voltages do not exceed the absolute maximum operating
conditions. If voltage is applied to ON before VIN, the slew rate of VOUT will not be controlled.
11 Layout
11.1 Layout Guidelines
VIN and VOUT traces should be as short and wide as possible to accommodate for high current.
The VIN pin should be bypassed to ground with low ESR ceramic bypass capacitors. The typical recommended
bypass capacitance is 1-µF ceramic with X5R or X7R dielectric. This capacitor must be placed as close to the
device pins as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com