Electronic Components Datasheet Search
  English  ▼

X  

TPS22993 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22993
Description  Quad Channel Load Switch with GPIO and I2C Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22993 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS22993 Datasheet HTML 17Page - Texas Instruments TPS22993 Datasheet HTML 18Page - Texas Instruments TPS22993 Datasheet HTML 19Page - Texas Instruments TPS22993 Datasheet HTML 20Page - Texas Instruments TPS22993 Datasheet HTML 21Page - Texas Instruments TPS22993 Datasheet HTML 22Page - Texas Instruments TPS22993 Datasheet HTML 23Page - Texas Instruments TPS22993 Datasheet HTML 24Page - Texas Instruments TPS22993 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Auto-Inc.
SDA
SCL
ST A6 A5 A4 A3 A2 A1 A0 0
A
0
0
0
0
0
0
0
0
A D7 D6 D5 D4 D3 D2 D1 D0 A D7 D6 D5 D4 D3 D2 D1 D0 A SP
Start
Slave Address
W/R
Ack. from slave
Sub Address
Ack
from
slave
Register Address N
Ack
from
slave
Ack
from
slave
Stop
Data to Register N
Data to Register N
Data Byte
Data Byte
TPS22993
www.ti.com
SLVSCA3A – NOVEMBER 2013 – REVISED MARCH 2014
10.1.9 Input Capacitor (Optional)
To limit the voltage drop on the input supply caused by transient in-rush currents when the switch turns on into a
discharged load capacitor or short-circuit, a capacitor needs to be placed between VIN and GND. A 1-µF ceramic
capacitor, CIN, placed close to the terminals, is usually sufficient. Higher values of CIN can be used to further
reduce the voltage drop during high-current application. When switching heavy loads, it is recommended to have
an input capacitor about 10 times higher than the output capacitor to avoid excessive voltage drop. For the
fastest slew rate setting of the device, a CIN to CL ratio of at least 100 to 1 is recommended to avoid excessive
voltage drop.
10.1.10 Output Capacitor (Optional)
Due to the integrated body diode of the NMOS switch, a CIN greater than CL is highly recommended. A CL
greater than CIN can cause VOUT to exceed VIN when the system supply is removed. This could result in current
flow through the body diode from VOUT to VIN. A CIN to CL ratio of at least 10 to 1 is recommended for minimizing
VIN dip caused by inrush currents during startup. For the fastest slew rate setting of the device, a CIN to CL ratio
of at least 100 to 1 is recommended to minimize VIN dip caused by inrush currents during startup.
10.1.11 I2C Protocol
The following section will cover the standard I2C protocol used in the TPS22993. In the I2C protocol, the following
basic blocks are present in every command (except for the SwitchALLTM command):
•
Start/stop bit – marks the beginning and end of each command.
•
Slave address – the unique address of the slave device.
•
Sub address – this includes the register address and the auto-increment bit.
•
Data byte – data being written to the register. Eight bits must always be transferred even if a single bit is
being written or read.
•
Auto-increment bit – setting this bit to ‘1’ turns on the auto-increment functionality; setting this bit to ‘0’ turns
off the auto-increment functionality.
•
Write/read bit – this bit signifies if the command being sent will result in reading from a register or writing to a
register. Setting this bit to ‘0’ signifies a write, and setting this bit to ‘1’ signifies a read.
•
Acknowledge bit – this bit signifies if the master or slave has received the preceding data byte.
10.1.11.1
Start and Stop Bit
In the I2C protocol, all commands contain a START bit and a STOP bit. A START bit, defined by high to low
transition on the SDA line while SCL is high, marks the beginning of a command. A STOP bit, defined by low to
high transition on the SDA line while SCL is high, marks the end of a command. The START and STOP bits are
generated by the master device on the I2C bus. The START bit indicates to other devices that the bus is busy,
and some time after the STOP bit the bus is assumed to be free.
10.1.11.2
Auto-increment Bit
The auto-increment feature in the I2C protocol allows users to read from and write to consecutive registers in
fewer clock cycles. Since the register addresses are consecutive, this eliminates the need to resend the register
address. The I2C core of the device automatically increments the register address pointer by one when the auto-
increment bit is set to ‘1’. When this bit is set to ‘0’, the auto-increment functionality is disabled.
10.1.11.3
Write Command
During the write command, the write/read bit is set to ‘0’, signifying that the register in question will be written to.
Figure 33 the composition of the write protocol to a single register:
Figure 33. Data Write to a Single Register
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS22993



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com