Electronic Components Datasheet Search
  English  ▼

X  

TPIC2701 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPIC2701
Description  7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2701 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC2701 Datasheet HTML 4Page - Texas Instruments TPIC2701 Datasheet HTML 5Page - Texas Instruments TPIC2701 Datasheet HTML 6Page - Texas Instruments TPIC2701 Datasheet HTML 7Page - Texas Instruments TPIC2701 Datasheet HTML 8Page - Texas Instruments TPIC2701 Datasheet HTML 9Page - Texas Instruments TPIC2701 Datasheet HTML 10Page - Texas Instruments TPIC2701 Datasheet HTML 11Page - Texas Instruments TPIC2701 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TPIC2701
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
SLIS019A − SEPTEMBER 1992 − REVISED SEPTEMBER 1996
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0.3
0.2
0.1
0
0.4
0.5
0.6
0.7
0.8
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
0.9
VGS = 15 V
VGS = 10 V
0
125
50
− 50
− 25
25
100
75
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
ID − Drain Current − A
0.5
0.4
0.2
0.1
0
0.9
0.3
0
0.5
1
1.5
0.7
0.6
0.8
1
2
2.5
VGS = 6 V
VGS = 15 V
VGS = 20 V
ID = 0.5 A
TA = 25°C
Figure 5
Figure 6
5
0
0.76
0.775
0.79
10
15
0.805
0.82
DISTRIBUTION OF
FORWARD TRANSCONDUCTANCE
gfs − Forward Transconductance − S
2.5
2
1
0.5
0
4.5
1.5
0
2
10
14
3.5
3
4
5
20
DRAIN-TO-SOURCE CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
VDS − Drain-to-Source Voltage − V
12
18
16
46
8
VGS = 5 V
VGS = 4.5 V
VGS = 4 V
VGS = 3.5 V
VGS = 3 V
TA = 25°C
ID = 0.5 A
VDS = 15 V
TA = 25°C
VGS = 2.5 V
Figure 7
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com