Electronic Components Datasheet Search
  English  ▼

X  

RS3AAF Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # RS3AAF
Description  SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RS3AAF Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  RS3AAF Datasheet HTML 1Page - SUNMATE electronic Co., LTD RS3AAF Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS3AAF - RS3MAF
SURFACE MOUNT FAST RECOVERY RECTIFIER DIODES
Features
Glass Passivated Die Construction
Fast Recovery Time for High Efficiency
Low Forward Voltage Drop and High Current
Capability
Ideally Suited for Automatic Assembly
Plastic Material: UL Flammability
Classification Rating 94V-0
CURRENT : 3.0 A
VOLT AGE RANGE: 50-1000 V
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Case:SMBF , Molded Plastic
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.0018 ounces,0.05grams
Mechanical Data
!
!
!
!
!
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 0.2x0.2
”(5.0x5.0mm) copper pad areas
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
100.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
100.0
R
θJA
CJ
TJ,TSTG
50.0
60.0
-50 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
150
250
500
ns
RS3AAF RS3BAF RS3DAF RS3GAF RS3JAF RS3KAF RS3MAF
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
Characteristic
Symbol
Unit
V
V
V
A
A
V
1 of 2
www.sunmate.tw
0.73 0.77 0.75
0.021 0.20
1.96 2.00 1.98
1.38 1.35
1.32
3.60
3.63
3.57
4.30
4.33
4.27
5.50
5.55
5.45
SMBF
A
E
L
B
C
E
H
D
E
D
A
Dim
Min
Max
Typ
B
C
H
L
All Dimensions in mm
0.019


Similar Part No. - RS3AAF

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
RS3AAF SMC-RS3AAF Datasheet
149Kb / 5P
For surface mounted applications
logo
SMC Diode Solutions Co....
RS3AAF SMCDIODE-RS3AAF Datasheet
382Kb / 4P
RS3AAF THRU RS3MAF FAST RECOVERY RECTIFIERS
Rev. B
More results

Similar Description - RS3AAF

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RS1AB SUNMATE-RS1AB Datasheet
295Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS2AA SUNMATE-RS2AA Datasheet
425Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR10A SUNMATE-FR10A Datasheet
421Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS3AB SUNMATE-RS3AB Datasheet
306Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS5A SUNMATE-RS5A Datasheet
523Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FFM301 SUNMATE-FFM301 Datasheet
314Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR1AF SUNMATE-FR1AF Datasheet
332Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR2AF SUNMATE-FR2AF Datasheet
306Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR3A SUNMATE-FR3A Datasheet
313Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR3ABF SUNMATE-FR3ABF Datasheet
343Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com