Electronic Components Datasheet Search
  English  ▼

X  

OPA322SAIDBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA322SAIDBVT
Description  CMOS Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA322SAIDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA322SAIDBVT Datasheet HTML 4Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 5Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 6Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 7Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 8Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 9Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 10Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 11Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
60
40
20
0
20
-
10k
100M
Frequency(Hz)
100k
1M
10M
G=+1V/V
G=+10V/V
G=+100V/V
V =+1.8V
R =10k
C =50pF
S
L
L
W
60
40
20
0
20
-
10k
100M
Frequency(Hz)
100k
1M
10M
G=+1V/V
G=+10V/V
G=+100V/V
V =+5.5V
R =10k
C =50pF
S
L
L
W
1000
100
10
1
10
1M
Frequency(Hz)
100
1k
10k
100k
V =1.8Vto5.5V
S
6
5
4
3
2
1
0
1
2
3
4
-
-
-
-
0
10
Time(s)
1
2
3
8
9
7
6
5
4
14
12
10
8
6
4
2
0
OffsetVoltage(mV)
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
-3
3
Common-ModeVoltage(V)
2
-2
-1
0
1
RepresentativeUnits
V = 2.75V
S
±
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
SBOS538E – JANUARY 2011 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCM = VOUT = mid-supply, and RL = 10 kΩ, unless otherwise noted.
OFFSET VOLTAGE PRODUCTION HISTOGRAM
OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
Figure 7.
Figure 8.
INPUT VOLTAGE NOISE SPECTRAL DENSITY vs
FREQUENCY
0.1 Hz TO 10 Hz INPUT VOLTAGE NOISE
Figure 9.
Figure 10.
CLOSED-LOOP GAIN vs FREQUENCY
CLOSED-LOOP GAIN vs FREQUENCY
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): OPA322 OPA322S OPA2322 OPA2322S OPA4322 OPA4322S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com