Electronic Components Datasheet Search
  English  ▼

X  

OPA2634U Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA2634U
Description  Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2634U Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2634U Datasheet HTML 4Page - Texas Instruments OPA2634U Datasheet HTML 5Page - Texas Instruments OPA2634U Datasheet HTML 6Page - Texas Instruments OPA2634U Datasheet HTML 7Page - Texas Instruments OPA2634U Datasheet HTML 8Page - Texas Instruments OPA2634U Datasheet HTML 9Page - Texas Instruments OPA2634U Datasheet HTML 10Page - Texas Instruments OPA2634U Datasheet HTML 11Page - Texas Instruments OPA2634U Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
OPA2634
8
SBOS098A
TYPICAL PERFORMANCE CURVES: VS = +5V (Cont.)
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to VS/2, unless otherwise noted (see Figure 1).
100
10
1
0.1
CLOSED-LOOP OUTPUT IMPEDANCE
vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
100M
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
INPUT DC ERRORS vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
50
45
40
35
30
25
20
15
10
5
0
Input Offset Voltage
Input Bias Current
10X Input Offset Current
300
250
200
150
100
50
0
SLEW RATE AND GAIN BANDWIDTH PRODUCT
vs SUPPLY VOLTAGE
Supply Voltage (V)
34
5
6
7
8
9
10
150
125
100
75
50
25
0
Slew Rate
Gain Bandwidth Product
18
16
14
12
10
8
6
4
2
0
SUPPLY AND OUTPUT CURRENTS
vs SUPPLY VOLTAGE
Supply Voltage (V)
34
5
6
7
8
9
10
180
160
140
120
100
80
60
40
20
0
Quiescent-Supply Current
Output Current, Sourcing
Output Current, Sinking
16
14
12
10
8
6
4
2
0
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
160
140
120
100
80
60
40
20
0
Sinking Output Current
Sourcing Output Current
Power-Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com