Electronic Components Datasheet Search
  English  ▼

X  

OPA680 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA680
Description  Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA680 Datasheet(HTML) 2 Page - Texas Instruments

  OPA680 Datasheet HTML 1Page - Texas Instruments OPA680 Datasheet HTML 2Page - Texas Instruments OPA680 Datasheet HTML 3Page - Texas Instruments OPA680 Datasheet HTML 4Page - Texas Instruments OPA680 Datasheet HTML 5Page - Texas Instruments OPA680 Datasheet HTML 6Page - Texas Instruments OPA680 Datasheet HTML 7Page - Texas Instruments OPA680 Datasheet HTML 8Page - Texas Instruments OPA680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
®
OPA2682
SPECIFICATIONS: VS = ±5V
G = +2 (–IN grounded) and RL = 100Ω (Figure 1 for AC performance only), unless otherwise noted.
OPA2682U, N
TYP
GUARANTEED(1)
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C70°C
+85
°C
UNITS
MAX LEVEL(2 )
AC PERFORMANCE (Figure 1)
Small-Signal Bandwidth (VO < 0.5Vp-p)
G = +1
330
MHz
min
C
G = +2
240
220
210
190
MHz
min
B
G = –1
220
MHz
typ
C
Bandwidth for 0.1dB Gain Flatness
G = +2, VO < 0.5Vp-p
150
50
45
45
MHz
min
B
Peaking at a Gain of +1
VO < 0.5Vp-p
0.8
2
4
dB
max
B
Large-Signal Bandwidth
G = +2, VO = 5Vp-p
210
MHz
typ
C
Slew Rate
G = +2, 4V Step
2100
1600
1600
1200
V/
µs
min
B
Rise/Fall Time
G = +2, VO = 0.5V Step
1.7
ns
typ
C
G = +2, VO = 5V Step
2.0
ns
typ
C
Settling Time to 0.02%
G = +2, VO = 2V Step
12
ns
typ
C
0.1%
G = +2, VO = 2V Step
8
ns
typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2Vp-p
2nd Harmonic
RL = 100Ω
–63
dBc
typ
C
RL = ≥ 500Ω
–81
dBc
typ
C
3rd Harmonic
RL = 100Ω
–78
dBc
typ
C
RL = ≥ 500Ω
–95
dBc
typ
C
Input Voltage Noise
f > 1MHz
2.2
3.0
3.4
3.6
nV/
√Hz
max
B
Non-Inverting Input Current Noise
f > 1MHz
12
14
15
15
pA/
√Hz
max
B
Inverting Input Current Noise
f > 1MHz
15
18
18
19
pA/
√Hz
max
B
Differential Gain
NTSC, RL = 150Ω
0.001
%
typ
C
NTSC, RL = 37.5Ω
0.008
%
typ
C
Differential Phase
NTSC, RL = 150Ω
0.01
deg
typ
C
NTSC, RL = 37.5Ω
0.05
deg
typ
C
Channel-to-Channel Crosstalk
f = 5MHz
–70
dBc
typ
C
DC PERFORMANCE(3)
Gain Error
G = +1
±0.2
%
typ
C
G = +2
±0.3
–2.5, +1.5
%
max
A
G = –1
–1.0
%
typ
C
Internal RF and RG
Maximum
400
480
510
520
Ω
max
A
Minimum
400
320
310
290
Ω
min
A
Average Drift
0.13
0.13
0.13
%/
°C
max
B
Input Offset Voltage
VCM = 0V
±1.3
±5
±6.5
±7.5
mV
max
A
Average Offset Voltage Drift
VCM = 0V
+35
+40
µV/°C
max
B
Non-Inverting Input Bias Current
VCM = 0V
+30
+55
±65
±85
µA
max
A
Average Non-Inverting Input Bias Current Drift
VCM = 0V
–400
–400
nA/
°C
max
B
Inverting Input Bias Current
VCM = 0V
±10
±40
±50
±55
µA
max
A
Average Inverting Input Bias Current Drift
VCM = 0V
–125
–150
nA
°C
max
B
INPUT
Common-Mode Input Range
±3.5
±3.4
±3.3
±3.2
V
min
B
Non-Inverting Input Impedance
100 || 2
k
Ω || pF
typ
C
OUTPUT
Voltage Output Swing
No Load
±4.0
±3.8
±3.7
±3.6
V
min
A
100
Ω Load
±3.9
±3.7
±3.6
±3.3
V
min
A
Current Output, Sourcing
+190
+160
+140
+80
mA
min
A
Sinking
–150
–135
–130
–80
mA
min
A
Closed-Loop Output Impedance
G = +2, f = 100kHz
0.03
typ
C
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com