Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690 Datasheet(HTML) 1 Page - Texas Instruments

  OPA690 Datasheet HTML 1Page - Texas Instruments OPA690 Datasheet HTML 2Page - Texas Instruments OPA690 Datasheet HTML 3Page - Texas Instruments OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
0.1 F
m
IN
+5V
10pF
0.1 F
m
10pF
499W
499W
Clock
IN
REFT
REFB
ADS825
10-Bit
40MSPS
1/2
OPA2690
+5V
+2.5V
+2.5V
+2.5V
1/2
OPA2690
V
IN
1kW
1kW
499W
499W
35W
35W
2kW
100W
100pF
2kW
2.5V
CM
2V
PP
HARMONICDISTORTIONvsFREQUENCY
FORTHESINGLE-SUPPLYADCDRIVER
Frequency(MHz)
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
1
10
20
3rd-Harmonic
2nd-Harmonic
2V
DifferentialOutput
PP
OPA2690
www.ti.com
SBOS238G – JUNE 2002 – REVISED MARCH 2010
Dual, Wideband, Voltage-Feedback
OPERATIONAL AMPLIFIER with Disable
Check for Samples: OPA2690
1
FEATURES
DESCRIPTION
2
•
FLEXIBLE SUPPLY RANGE:
The OPA2690 represents a major step forward in
+5V to +12V Single Supply
unity-gain stable, voltage-feedback op amps. A new
±2.5V to ±6V Dual Supply
internal architecture provides slew rate and full-power
bandwidth
previously
found
only
in
wideband,
•
WIDEBAND +5V OPERATION: 220MHz (G = 2)
current-feedback op amps. A new output stage
•
HIGH OUTPUT CURRENT: 190mA
architecture delivers high currents with a minimal
•
OUTPUT VOLTAGE SWING: ±4.0V
headroom
requirement.
These
give
exceptional
single-supply operation. Using a single +5V supply,
•
HIGH SLEW RATE: 1800V/ms
the OPA2690 can deliver a 1V to 4V output swing
•
LOW SUPPLY CURRENT: 5.5mA/ch
with
over
120mA
drive
current
and
150MHz
•
LOW DISABLE CURRENT: 100mA/ch
bandwidth. This combination of features makes the
OPA2690 an ideal RGB line driver or single-supply
APPLICATIONS
Analog-to-Digital Converter (ADC) input driver.
•
VIDEO LINE DRIVING
The low 5.5mA/ch supply current of the OPA2690 is
•
xDSL LINE DRIVER/RECEIVER
precisely trimmed at +25°C. This trim, along with low
temperature drift, provides lower maximum supply
•
HIGH-SPEED IMAGING CHANNELS
current than competing products. System power may
•
ADC BUFFERS
be reduced further using the optional disable control
•
PORTABLE INSTRUMENTS
pin. Leaving this disable pin open, or holding it HIGH,
•
TRANSIMPEDANCE AMPLIFIERS
will operate the OPA2690I-14D normally. If pulled
•
ACTIVE FILTERS
LOW, the OPA2690I-14D supply current drops to less
than
200mA/ch
while
the
output
goes
to
a
Single-Supply Differential ADC Driver
high-impedance state.
OPA2690 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
Voltage-Feedback
OPA690
OPA2690
OPA3690
Current-Feedback
OPA691
OPA2691
OPA3691
Fixed Gain
OPA692
—
OPA3692
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690 TI-OPA690 Datasheet
376Kb / 27P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA690 TI-OPA690 Datasheet
410Kb / 23P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA690 BURR-BROWN-OPA690 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA690 BURR-BROWN-OPA690 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA690

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com