Electronic Components Datasheet Search
  English  ▼

X  

OPA682 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA682
Description  Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA682 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA682 Datasheet HTML 9Page - Texas Instruments OPA682 Datasheet HTML 10Page - Texas Instruments OPA682 Datasheet HTML 11Page - Texas Instruments OPA682 Datasheet HTML 12Page - Texas Instruments OPA682 Datasheet HTML 13Page - Texas Instruments OPA682 Datasheet HTML 14Page - Texas Instruments OPA682 Datasheet HTML 15Page - Texas Instruments OPA682 Datasheet HTML 16Page - Texas Instruments OPA682 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
OPA2681
SBOS091A
FIGURE 4. Two-Channel Video Multiplexer.
FIGURE 5. Buffered, Single Supply Active Filter.
HIGH SPEED ACTIVE FILTERS
Wideband current feedback op amps make ideal elements
for implementing high speed active filters where the ampli-
fier is used as fixed gain block inside a passive RC circuit
network. Their relatively constant bandwidth vs gain, pro-
vides low interaction between the actual filter poles and the
required gain for the amplifier. Figure 5 shows an example
single-supply buffered filter application. In this case, one of
the OPA2681 channels is used to set-up the DC operating
point and provide impedance isolation from the signal source
into the 2nd stage filter. That stage is set up to implement a
20MHz maximally flat Butterworth frequency response and
provide an AC gain of +4.
The 51
Ω input matching resistor is optional in this case. The
input signal is AC coupled to the 2.5V DC reference voltage
developed through the resistor divider from the +5V power
supply. This first stage acts as a gain of +1 voltage buffer for
the signal where the 600
Ω feedback resistor is required for
2k
Ω
82.5
Ω
75
Ω Cable
RG-59
82.5
Ω
75
Ω
402
Ω
340
Ω
Video 1
+5V
+5V
–5V
1/2
OPA2681N
1/2
OPA2681N
2k
Ω
75
Ω
402
Ω
340
Ω
Video 2
–5V
+5V
V
DIS
DIS
DIS
Power supply
de-coupling not shown
600
Ω
20MHz, 2nd Order Butterworth Low Pass
1/2
OPA2681
+5V
Power supply
de-coupling not shown
32.3
Ω
105
Ω
5k
Ω
5k
Ω
51
Ω
V
I
0.1
µF
375
Ω
1/2
OPA2681
4V
I
100pF
125
Ω
0.1
µF
150pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com