Electronic Components Datasheet Search
  English  ▼

X  

OPA682 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA682
Description  Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA682 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA682 Datasheet HTML 9Page - Texas Instruments OPA682 Datasheet HTML 10Page - Texas Instruments OPA682 Datasheet HTML 11Page - Texas Instruments OPA682 Datasheet HTML 12Page - Texas Instruments OPA682 Datasheet HTML 13Page - Texas Instruments OPA682 Datasheet HTML 14Page - Texas Instruments OPA682 Datasheet HTML 15Page - Texas Instruments OPA682 Datasheet HTML 16Page - Texas Instruments OPA682 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
®
OPA2682
APPLICATIONS INFORMATION
WIDEBAND BUFFER OPERATION
The OPA2682 gives the exceptional AC performance of a
wideband, current-feedback op amp with a highly linear,
high power output stage. It features internal RF and RG
resistors which make it easy to select a gain of +2, +1, or
–1 without any external resistors. Requiring only 6mA/ch
quiescent current, the OPA2682 will swing to within 1V of
either supply rail and deliver in excess of 135mA (guaran-
teed) at room temperature. This low output headroom re-
quirement, along with supply voltage independent biasing,
gives remarkable single (+5V) supply operation. The
OPA2682 will deliver greater than 200MHz bandwidth driv-
ing a 2Vp-p output into 100
Ω on a single +5V supply.
Previous current-boosted output stage amplifiers have typi-
cally suffered from very poor crossover distortion as the
output current goes through zero. The OPA2682 achieves a
comparable power gain with much better linearity. The
primary advantage of the internal current-feedback op amp
over a voltage-feedback op amp is that AC performance
(bandwidth and distortion) is relatively independent of sig-
nal gain.
Figure 1 shows the DC-coupled, gain of +2, dual power
supply circuit configuration used as the basis of the
±5V
Specifications and Typical Performance Curves. For test
purposes, the input impedance is set to 50
Ω with a resistor
to ground and the output impedance is set to 50
Ω with a
series output resistor. Voltage swings reported in the speci-
fications are taken directly at the input and output pins
while load powers (dBm) are defined at a matched 50
Ω
load. For the circuit of Figure 1, the total effective load will
be 100
Ω || 800Ω = 89Ω. The disable control line (DIS) is
typically left open (SO-14 only) to guarantee normal ampli-
fier operation. In addition to the usual power supply
decoupling capacitors to ground, a 0.1
µF capacitor can be
included between the two power supply pins. This optional
added capacitor will typically improve the 2nd harmonic
distortion performance by 3dB to 6dB.
FIGURE 1. DC-Coupled, G = +2, Bipolar Supply, Specifi-
cation and Test Circuit.
FIGURE 2. AC-Coupled, G = +2, Single Supply Specifica-
tion and Test Circuit.
Figure 2 shows the AC-coupled, gain of +2, single-supply
circuit configuration used as the basis of the +5V Specifica-
tions and Typical Performance Curves. Though not a “rail-
to-rail” design, the OPA2682 requires minimal input and
output voltage headroom compared to other fixed-gain buffer
amplifiers. It will deliver a 3Vp-p output swing on a single
+5V supply with greater than 150MHz bandwidth. The key
requirement of broadband single-supply operation is to main-
tain input and output signal swings within the usable voltage
ranges at both the input and the output. The circuit of Figure
2 establishes an input midpoint bias using a simple resistive
divider from the +5V supply (two 806
Ω resistors). The input
signal is then AC-coupled into this midpoint voltage bias.
The input voltage can swing to within 1.5V of either supply
pin, giving a 2Vp-p input signal range centered between the
supply pins. The input impedance matching resistor (57.6
Ω)
used for testing is adjusted to give a 50
Ω input match when
the parallel combination of the biasing divider network is
included. The gain resistor (RG) is AC-coupled, giving the
circuit a DC gain of +1, which puts the input DC bias voltage
(2.5V) on the output as well. On a single +5V supply, the
output voltage can swing to within 1V of either supply pin
while delivering more than 75mA output current. A demand-
ing 100
Ω load to a midpoint bias is used in this characteriza-
tion circuit. The new output stage used in the OPA2682 can
deliver large bipolar output currents into this midpoint load
with minimal crossover distortion, as shown by the +5V
supply, 3rd harmonic distortion plots.
HIGH SPEED INSTRUMENTATION AMPLIFIER
The front page shows an instrumentation amplifier based on
the OPA2682. The differential gain for this circuit is 2.0. The
inputs are high impedance, with only 1pF to ground at each
input. The loads on the OPA2682 outputs were made equal in
order to achieve the best harmonic distortion possible.
1/2
OPA2682
+5V
+V
S
–V
S
–5V
50
Ω Load
50
Ω
50
Ω
50
Ω Source
R
G
400
Ω
R
F
400
Ω
+
6.8
µF
0.1
µF
+
6.8
µF
0.1
µF
V
IN
1/2
OPA2682
+5V
+V
S
V
S/2
806
Ω
100
Ω
V
O
V
IN
806
Ω
R
G
400
Ω
R
F
400
Ω
0.1
µF
0.1
µF
+
6.8
µF
0.1
µF
50
Ω Source
57.6
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com