Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA692
Description  Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA692 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA692 Datasheet HTML 9Page - Texas Instruments OPA692 Datasheet HTML 10Page - Texas Instruments OPA692 Datasheet HTML 11Page - Texas Instruments OPA692 Datasheet HTML 12Page - Texas Instruments OPA692 Datasheet HTML 13Page - Texas Instruments OPA692 Datasheet HTML 14Page - Texas Instruments OPA692 Datasheet HTML 15Page - Texas Instruments OPA692 Datasheet HTML 16Page - Texas Instruments OPA692 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
OPA2691
13
SBOS224D
www.ti.com
HIGH-SPEED ACTIVE FILTERS
Wideband current-feedback op amps make ideal elements
for implementing high-speed active filters where the amplifier
is used as a fixed gain block inside a passive RC circuit
network. Their relatively constant bandwidth versus gain,
provides low interaction between the actual filter poles and
the required gain for the amplifier. Figure 5 shows an ex-
ample single-supply buffered filter application. In this case,
one of the OPA2691 channels is used to setup the DC
operating point and provide impedance isolation from the
signal source into the 2nd-stage filter. That stage is set up to
implement a 20MHz maximally flat Butterworth frequency
response and provide an AC gain of +4.
FIGURE 5. Buffered Single-Supply Active Filter.
FIGURE 4. Two-Channel Video Multiplexer.
2k
Ω
82.5
Ω
75
Ω Cable
RG-59
82.5
Ω
75
Ω
402
Ω
340
Ω
Video 1
+5V
+5V
–5V
1/2
OPA2691
1/2
OPA2691
2k
Ω
75
Ω
402
Ω
340
Ω
Video 2
–5V
+5V
V
DIS
DIS
DIS
Power-supply
decoupling not shown.
600
Ω
20MHz, 2nd-Order Butterworth Low-Pass
1/2
OPA2691
+5V
Power-supply
decoupling not shown.
32.3
Ω
105
Ω
5k
Ω
5k
Ω
51
Ω
V
I
0.1
µF
375
Ω
1/2
OPA2691
4V
I
100pF
125
Ω
0.1
µF
150pF
12
8
4
0
–4
–8
–12
Frequency (MHz)
20MHz, 2ND-ORDER BUTTERWORTH
LOW-PASS FREQUENCY RESPONSE
0.1
100
10
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com