Electronic Components Datasheet Search
  English  ▼

X  

TPS2090DR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2090DR
Description  POWER-DISTRIBUTION SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2090DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2090DR Datasheet HTML 4Page - Texas Instruments TPS2090DR Datasheet HTML 5Page - Texas Instruments TPS2090DR Datasheet HTML 6Page - Texas Instruments TPS2090DR Datasheet HTML 7Page - Texas Instruments TPS2090DR Datasheet HTML 8Page - Texas Instruments TPS2090DR Datasheet HTML 9Page - Texas Instruments TPS2090DR Datasheet HTML 10Page - Texas Instruments TPS2090DR Datasheet HTML 11Page - Texas Instruments TPS2090DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
TPS2090, TPS2091, TPS2092 DUAL
TPS2095, TPS2096, TPS2097 QUAD
SLVS245C – SEPTEMBER 2000 – REVISED OCTOBER 2007
over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = rated current, VI(ENx) = 0 V, VI(ENx) = VI(INx) (unless
otherwise noted)
POWER SWITCH
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VI(IN) = 5 V,
TJ = 25°C,
IO = 0.25 A
80
100
VI(IN) = 5 V,
TJ = 85°C,
IO = 0.25 A
90
120
VI(IN) = 5 V,
TJ = 125°C,
IO = 0.25 A
100
135
Static drain-source on-state
rDS(on)
m
Ω
resistance
VI(IN) = 3.3 V,
TJ = 25°C,
IO = 0.25 A
90
125
VI(IN) = 3.3 V,
TJ = 85°C,
IO = 0.25 A
110
145
VI(IN) = 3.3 V,
TJ = 125°C,
IO = 0.25 A
120
165
VI(IN) = 5.5 V, RL = 20 Ω,
TJ = 125°C,
CL = 1 μF
2.5
tr
Rise time, output
ms
VI(IN) = 2.7 V, RL = 20 Ω,
TJ = 125°C,
CL = 1 μF
3
VI(IN) = 5.5 V, RL = 20 Ω,
TJ = 125°C,
CL = 1 μF
4.4
tf
Fall time, output
ms
VI(IN) = 2.7 V, RL = 20 Ω,
TJ = 125°C,
CL = 1 μF
2.5
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
ENABLE INPUT VI(ENx) or VI(ENx)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage 2.7 V
≤ VI(IN) ≤ 5.5 V
2
V
4.5 V
≤ VI(IN) ≤ 5.5 V
0.8
VIL
Low-level input voltage
V
2.7 V
≤ VI(IN) ≤ 4.5 V
0.4
II
Input current
VI(ENx) = 0 V and VI(ENx) = VI(IN), or VI(ENx) = VI(IN) and VI(ENx) = 0 V
–0.5
0.5
μA
ton
Turnon time
CL = 100 μF,
RL = 20 μF
20
ms
toff
Turnon time
CL = 100 μF,
RL = 20 μF
40
ms
CURRENT LIMIT
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
IOS
Short-circuit output current VI(IN) = 5 V, OUT connected to GND, Device enabled into short circuit
0.3
0.5
0.7
A
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
UNDERVOLTAGE LOCKOUT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-level input voltage
2
2.5
V
Hysteresis
TJ = 25°C
100
mV
OVERCURRENT OCx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Sink current(1)
VO = 5 V
10
mA
Output low voltage
IO = 5 mA, VOL(OCx)
0.5
V
Off-state current(1)
VO = 5 V, VO = 3.3 V
1
μA
(1)
Specified by design, not production tested.
8
Submit Documentation Feedback
Copyright © 2000–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS2090, TPS2091, TPS2092 DUAL TPS2095, TPS2096, TPS2097 QUAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com