Electronic Components Datasheet Search
  English  ▼

X  

ISO7841 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7841
Description  High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7841 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7841 Datasheet HTML 4Page - Texas Instruments ISO7841 Datasheet HTML 5Page - Texas Instruments ISO7841 Datasheet HTML 6Page - Texas Instruments ISO7841 Datasheet HTML 7Page - Texas Instruments ISO7841 Datasheet HTML 8Page - Texas Instruments ISO7841 Datasheet HTML 9Page - Texas Instruments ISO7841 Datasheet HTML 10Page - Texas Instruments ISO7841 Datasheet HTML 11Page - Texas Instruments ISO7841 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8
ISO7841, ISO7841F
SLLSEM3F – NOVEMBER 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: ISO7841 ISO7841F
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
6.6 Electrical Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –4 mA; see Figure 7
VCCO
(1) – 0.4
VCCO
(1) – 0.2
V
VOL
Low-level output voltage
IOL = 4 mA; see Figure 7
0.2
0.4
V
VI(HYS)
Input threshold voltage
hysteresis
0.1 × VCCI
(1)
V
IIH
High-level input current
VIH = VCCI
(1) at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
–10
μA
CMTI
Common-mode transient
immunity
VI = VCCI
(1) or 0 V, V
CM = 1500 V;
see Figure 10
100
kV/
μs
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
6.7 Supply Current Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO7841DW AND ISO7841FDW
Supply current
Disable
EN1 = EN2 = 0 V, VI = 0 V
(ISO7841F), VI = VCCI
(1) (ISO7841)
ICC1
1.1
1.8
mA
ICC2
0.8
1.3
EN1 = EN2 = 0 V, VI = VCCI
(1)
(ISO7841F), VI = 0 V (ISO7841)
ICC1
4.5
6.6
mA
ICC2
2
2.9
DC signal
VI = 0 V (ISO7841F), VI = VCCI
(1)
(ISO7841)
ICC1
1.5
2.4
mA
ICC2
2.1
3.1
VI = VCCI
(1) (ISO7841F), V
I = 0 V
(ISO7841)
ICC1
5
7.3
mA
ICC2
3.4
4.9
All channels switching with
square wave clock input;
CL = 15 pF
1 Mbps
ICC1
3.3
4.9
mA
ICC2
2.9
4.2
10 Mbps
ICC1
3.9
5.5
mA
ICC2
4.4
5.7
100 Mbps
ICC1
9.2
11.6
mA
ICC2
19
21.9
ISO7841DWW AND ISO7841FDWW
Supply current
Disable
EN1 = EN2 = 0 V, VI = 0 V
(ISO7841F), VI = VCCI
(1) (ISO7841)
ICC1
1.1
1.8
mA
ICC2
0.8
1.3
EN1 = EN2 = 0 V, VI = VCCI
(1)
(ISO7841F), VI = 0 V (ISO7841)
ICC1
4.5
6.6
mA
ICC2
2
2.9
DC signal
VI = 0 V (ISO7841F), VI = VCCI
(1)
(ISO7841)
ICC1
1.5
2.4
mA
ICC2
2.1
3.3
VI = VCCI
(1) (ISO7841F), V
I = 0 V
(ISO7841)
ICC1
5
7.5
mA
ICC2
3.4
5.2
All channels switching with
square wave clock
input;CL = 15 pF
1 Mbps
ICC1
3.4
5
mA
ICC2
3
4.4
10 Mbps
ICC1
4
5.6
mA
ICC2
4.5
6.1
100 Mbps
ICC1
9.4
12.1
mA
ICC2
19.5
22.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com