| Electronic Components Datasheet Search |
|
ISO7841F Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7841F Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 37 page ![]() TX IN RX OUT Carrier signal through isolation barrier TX IN Oscillator OOK Modulation Transmitter Emissions Reduction Techniques TX Signal Conditioning Envelope Detection RX Signal Conditioning Receiver EN RX OUT SiO2 based Capacitive Isolation Barrier Copyright © 2016, Texas Instruments Incorporated 16 ISO7841, ISO7841F SLLSEM3F – NOVEMBER 2014 – REVISED APRIL 2016 www.ti.com Product Folder Links: ISO7841 ISO7841F Submit Documentation Feedback Copyright © 2014–2016, Texas Instruments Incorporated 8 Detailed Description 8.1 Overview The ISO7841 device uses an ON-OFF Keying (OOK) modulation scheme to transmit the digital data across a silicon-dioxide based isolation barrier. The transmitter sends a high-frequency carrier across the barrier to represent one digital state and sends no signal to represent the other digital state. The receiver demodulates the signal after advanced signal conditioning and produces the output through a buffer stage. If the EN pin is low then the output goes to high impedance. The ISO7841 device also incorporates advanced circuit techniques to maximize the CMTI performance and minimize the radiated emissions because of the high-frequency carrier and IO buffer switching. The conceptual block diagram of a digital capacitive isolator, Figure 11, shows a functional block diagram of a typical channel. 8.2 Functional Block Diagram Figure 11. Conceptual Block Diagram of a Digital Capacitive Isolator Figure 12 shows a conceptual detail of how the ON-OFF keying scheme works. Figure 12. On-Off Keying (OOK) Based Modulation Scheme |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |