Electronic Components Datasheet Search
  English  ▼

X  

TPS2110A Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2110A
Description  AUTOSWITCHING POWER MUX
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2110A Datasheet(HTML) 2 Page - Texas Instruments

  TPS2110A_15 Datasheet HTML 1Page - Texas Instruments TPS2110A_15 Datasheet HTML 2Page - Texas Instruments TPS2110A_15 Datasheet HTML 3Page - Texas Instruments TPS2110A_15 Datasheet HTML 4Page - Texas Instruments TPS2110A_15 Datasheet HTML 5Page - Texas Instruments TPS2110A_15 Datasheet HTML 6Page - Texas Instruments TPS2110A_15 Datasheet HTML 7Page - Texas Instruments TPS2110A_15 Datasheet HTML 8Page - Texas Instruments TPS2110A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TPS2110A
TPS2111A
SBVS043A – MARCH 2004 – REVISED MARCH 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE OPTIONS
FEATURE
TPS2110A
TPS2111A
TPS2112A
TPS2113A
TPS2114A
TPS2115A
0.31 A to
0.63 A to
0.31 A to
0.63 A to
0.31 A to
0.63 A to
Current Limit Adjustment Range
0.75 A
1.25 A
0.75 A
1.25 A
0.75 A
1.25 A
Manual
Yes
Yes
No
No
Yes
Yes
Switching Modes
Automatic
Yes
Yes
Yes
Yes
Yes
Yes
Switch Status Output
No
No
Yes
Yes
Yes
Yes
ORDERING INFORMATION(1)
TA
PACKAGE
ORDERING NUMBER
PACKAGE MARKING
TPS2110APW
2110A
−40°C to 85°C
TSSOP-8 (PW)
TPS2111APW
2111A
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over recommended operating junction temperature range, unless otherwise noted.
TPS2110A, TPS2111A
UNIT
Input voltage range at pins IN1, IN2, D0, D1, VSNS, ILIM(2)
−0.3 to 6
V
Output voltage range, VO(OUT)
(2)
−0.3 to 6
V
TPS2110A
0.9
Continuous output current, IO
A
TPS2111A
1.5
Continuous total power dissipation
See Dissipation Ratings table
Operating virtual junction temperature range, TJ
Internally Limited
Human body model (HBM)
2
kV
ESD
Charged device model (CDM)
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND.
DISSIPATION RATINGS
DERATING FACTOR
TA ≤ 25°C POWER
TA = 70°C POWER
TA = 85°C POWER
PACKAGE
ABOVE TA = 25°C
RATING
RATING
RATING
TSSOP-8 (PW)
3.9 mW/°C
387 mW
213 mW
155 mW
2
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2110A TPS2111A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com