Electronic Components Datasheet Search
  English  ▼

X  

DGP30 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DGP30
Description  Clamper/Damper Glass Passivated Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DGP30 Datasheet(HTML) 1 Page - Vishay Siliconix

  DGP30 Datasheet HTML 1Page - Vishay Siliconix DGP30 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
CGP30 and DGP30
Vishay Semiconductors
formerly General Semiconductor
Document Number 88569
www.vishay.com
03-Jan-03
1
New Product
Clamper/Damper Glass
Passivated Rectifier
Reverse Voltage 1400 to 1500V
Forward Current 3.0A
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
CGP30
DGP30
Unit
Maximum repetitive peak reverse voltage
VRRM
1400
1500
V
Maximum RMS voltage
VRMS
980
1050
V
Maximum DC blocking voltage
VDC
1400
1500
V
Maximum average forward rectified current
0.375” (9.5mm) lead length at TA = 50°C
IF(AV)
3.0
A
Peak forward surge current 8.3ms single half sine wave
superimposed on rated load (JEDEC Method) at TA = 50°C
IFSM
100
A
Maximum full load reverse current full cycle
average 0.375” (9.5mm) lead length at TA = 70°C
IR(AV)
200
µA
Typical thermal resistance (Note 1)
R
ΘJA
20
°C/W
Operating junction and storage temperature range
TJ, TSTG
–65 to +175
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
CGP30
DGP30
Unit
Maximum instantaneous forward voltage at 3.0A
VF
1.2
V
Maximum DC reverse current
TA = 25°C
5.0
at rated DC blocking voltage
TA = 100°C
IR
100
µA
Maximum reverse recovery time at IF = 0.5A, IR = 50mA
trr
15
20
µs
Maximum reverse recovery time
typical
1.0
at IF=0.5A, IR=1.0A, Irr=0.25A
maximum
trr
2.0
µs
Typical junction capacitance at 4.0V, 1MHz
CJ
40
pF
Note: (1) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, with leads attached to heat sink
Features
• Specially designed for clamping circuits, horizontal
deflection systems and damper applications
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• High temperature metallurgically bonded construction
• Cavity-free glass passivated junction
• 3.0 ampere operation at TA=50°C with no thermal runaway
• Typical IR less than 0.1
µA
• Capable of meeting environmental standards of
MIL-S-19500
• High temperature soldering guaranteed: 350°C/10 seconds,
0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-201AD, molded plastic over glass body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.04 oz., 1.12 g
Packaging codes/options:
1/Bulk - 1.5K per container, 15K per box
4/1.4K per 13" reel, 5.6K per box
23/1K per ammo mag., 9K per box
Patented*
DO-201AD
0.210 (5.3)
0.190 (4.8)
Dia.
0.052 (1.32)
0.048 (1.22)
Dia.
1.0 (25.4)
Min.
0.375 (9.5)
0.285 (7.2)
1.0 (25.4)
Min.
*Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602 and brazed-lead assembly by Patent No. 3,930,306
Dimensions
in inches and
(millimeters)


Similar Part No. - DGP30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DGP30 VISHAY-DGP30 Datasheet
82Kb / 4P
Clamper/Damper Glass Passivated Rectifier
20-Jan-11
DGP30 VISHAY-DGP30 Datasheet
74Kb / 5P
Clamper/Damper Glass Passivated Plastic Rectifier
06-Oct-2021
logo
Power-One
DGP30E48S12 POWER-ONE-DGP30E48S12 Datasheet
888Kb / 4P
SINGLE OUTPUT
DGP30E48S15 POWER-ONE-DGP30E48S15 Datasheet
888Kb / 4P
SINGLE OUTPUT
DGP30E48S5 POWER-ONE-DGP30E48S5 Datasheet
888Kb / 4P
SINGLE OUTPUT
More results

Similar Description - DGP30

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BY228 GE-BY228 Datasheet
52Kb / 2P
CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
CG3 GE-CG3 Datasheet
52Kb / 2P
CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Vaishali Semiconductor
CGP20 VAISH-CGP20 Datasheet
33Kb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
BY228GP VISHAY-BY228GP Datasheet
79Kb / 4P
Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP15 VISHAY-CGP15_11 Datasheet
75Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP20 VISHAY-CGP20 Datasheet
79Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP30 VISHAY-CGP30_11 Datasheet
82Kb / 4P
Clamper/Damper Glass Passivated Rectifier
20-Jan-11
logo
Shenzhen Taychipst Elec...
CGP15 TAYCHIPST-CGP15 Datasheet
1Mb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
BY448GP VISHAY-BY448GP_V01 Datasheet
79Kb / 5P
Miniature Clamper / Damper Glass Passivated Rectifier
05-Oct-2021
CGP30 VISHAY-CGP30_V01 Datasheet
74Kb / 5P
Clamper/Damper Glass Passivated Plastic Rectifier
06-Oct-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com