Electronic Components Datasheet Search
  English  ▼

X  

ACS718 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ACS718
Description  High Isolation Linear Current Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS718 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ACS718 Datasheet HTML 6Page - Allegro MicroSystems ACS718 Datasheet HTML 7Page - Allegro MicroSystems ACS718 Datasheet HTML 8Page - Allegro MicroSystems ACS718 Datasheet HTML 9Page - Allegro MicroSystems ACS718 Datasheet HTML 10Page - Allegro MicroSystems ACS718 Datasheet HTML 11Page - Allegro MicroSystems ACS718 Datasheet HTML 12Page - Allegro MicroSystems ACS718 Datasheet HTML 13Page - Allegro MicroSystems ACS718 Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
High Isolation Linear Current Sensor IC with
850 µΩ Current Conductor
ACS718
13
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 7: Package MA, 16-pin SOICW
For Reference Only – Not for Tooling Use
(Reference MS-013AA)
NOT TO SCALE
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
C
1.27 BSC
A
B
C
B
2
1
1
16
Branding scale and appearance at supplier discretion
C
SEATING
PLANE
C
0.10
16X
0.25 BSC
1.40 REF
2.65 MAX
10.30 ±0.20
7.50 ±0.10
10.30 ±0.33
0.51
0.31
0.30
0.10
0.33
0.20
1.27
0.40
8°
0°
A
Standard Branding Reference View
Branded Face
SEATING PLANE
GAUGE PLANE
NNNNNNNNNNNN
YYWW
LLLLLLLLLLLL
= Device part number
= Supplier emblem
= Last two digits of year of manufacture
= Week of manufacture
= Lot number
N
Y
W
L
Terminal #1 mark area
C
2
1
16
0.65
1.27
9.50
2.25
PCB Layout Reference View
Reference land pattern layout (reference IPC7351 SOIC127P600X175-8M);
all pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary
to meet application process requirements and PCB layout tolerances
PACKAGE OUTLINE DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com