Electronic Components Datasheet Search
  English  ▼

X  

CY2071ASC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2071ASC
Description  Single-PLL General-Purpose EPROM Programmable Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2071ASC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2071ASC Datasheet HTML 1Page - Cypress Semiconductor CY2071ASC Datasheet HTML 2Page - Cypress Semiconductor CY2071ASC Datasheet HTML 3Page - Cypress Semiconductor CY2071ASC Datasheet HTML 4Page - Cypress Semiconductor CY2071ASC Datasheet HTML 5Page - Cypress Semiconductor CY2071ASC Datasheet HTML 6Page - Cypress Semiconductor CY2071ASC Datasheet HTML 7Page - Cypress Semiconductor CY2071ASC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY2071A
Document #: 38-07139 Rev. *A
Page 5 of 8
Switching Characteristics, Commercial 3.3V[8]
Parameter
Name
Description
Min.
Typ.
Max.
Unit
t1
Output Period
Clock output range
3.3V operation
15-pF load
CY2071AS
10
[100 MHz]
2000
[500 kHz]
ns
CY2071AF
12.50
[80 MHz]
2000
[500 kHz]
ns
t1A
Clock Jitter
Peak-to-peak period jitter (t1 max. – t1 min.),
% of clock period, fOUT ≤ 16 MHz
0.8
1
%
t1B
Clock Jitter
Peak-to-peak period jitter
(16 MHz
≤ f
OUT ≤ 50 MHz)
350
500
ps
t1C
Clock Jitter[9]
Peak-to-peak period jitter (fOUT > 50 MHz)
250
350
ps
Output Duty Cycle
Duty cycle[10, 11] for outputs, (t2 ÷ t1)
fOUT ≤ 60 MHz
45%
50%
55%
Output Duty Cycle[9] Duty cycle[11] for outputs, (t2 ÷ t1),
fOUT > 60 MHz
40%
50%
60%
t3
Rise Time[9]
Output clock rise time
1.5
2.5
ns
t4
Fall Time[9]
Output clock fall time
1.5
2.5
ns
t5
Skew
Skew delay between any two outputs with
identical frequencies (generated by the PLL)
0.5
ns
Switching Characteristics, Industrial 5.0V[8]
Parameter
Name
Description
Min.
Typ.
Max.
Unit
t1
Output Period
Clock output range
5.0V operation
25-pF load
CY2071AI
10
[100 MHz]
2000
[500 kHz]
ns
CY2071AFI
11.1
[90 MHz]
2000
[500 kHz]
ns
t1A
Clock Jitter
Peak-to-peak period jitter (t1 max. – t1 min.),
% of clock period, fOUT ≤ 16 MHz
0.8
1
%
t1B
Clock Jitter
Peak-to-peak period jitter
(16 MHz
≤ f
OUT ≤ 50 MHz)
350
500
ps
t1C
Clock Jitter[9]
Peak-to-peak period jitter (fOUT > 50 MHz)
250
350
ps
Output Duty Cycle
Duty cycle[10, 11] for outputs, (t2 ÷ t1)
fOUT ≤ 60 MHz
45%
50%
55%
Output Duty Cycle[9] Duty cycle[11] for outputs, (t2 ÷ t1),
fOUT > 60 MHz
40%
50%
60%
t3
Rise time[9]
Output clock rise time
1.5
2.5
ns
t4
Fall time[9]
Output clock fall time
1.5
2.5
ns
t5
Skew
Skew delay between any two outputs with
identical frequencies (generated by the PLL)
0.5
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com