Electronic Components Datasheet Search
  English  ▼

X  

ACS723 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # ACS723
Description  High Accuracy, Galvanically Isolated Current Sensor IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS723 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button ACS723 Datasheet HTML 14Page - Allegro MicroSystems ACS723 Datasheet HTML 15Page - Allegro MicroSystems ACS723 Datasheet HTML 16Page - Allegro MicroSystems ACS723 Datasheet HTML 17Page - Allegro MicroSystems ACS723 Datasheet HTML 18Page - Allegro MicroSystems ACS723 Datasheet HTML 19Page - Allegro MicroSystems ACS723 Datasheet HTML 20Page - Allegro MicroSystems ACS723 Datasheet HTML 21Page - Allegro MicroSystems ACS723 Datasheet HTML 22Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
High Accuracy, Galvanically Isolated Current Sensor IC
With Small Footprint SOIC8 Package
ACS723
21
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 6: Package LC, 8-pin SOICN
C
1.27 BSC
A
B
B
C
2
1
8
Branding scale and appearance at supplier discretion
C
SEATING
PLANE
C
0.10
8X
0.25 BSC
1.04 REF
1.75 MAX
1.75
4.90 ±0.10
3.90 ±0.10
6.00 ±0.20
0.51
0.31
0.25
0.10
0.25
0.17
1.27
0.40
8°
0°
A
Standard Branding Reference View
2
1
1
8
C
0.65
1.27
5.60
Branded Face
For Reference Only – Not for Tooling Use
(Reference MS-012AA)
Dimensions in millimeters – NOT TO SCALE
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
SEATING PLANE
GAUGE PLANE
PCB Layout Reference View
NNNNNNN
TPP-AAA
LLLLL
N = Device part number
T= Device temperature range
P= Package Designator
A= Amperage
L= Lot number
Belly Brand = Country of Origin
Terminal #1 mark area
Reference land pattern layout (reference IPC7351 SOIC127P600X175-8M);
all pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary
to meet application process requirements and PCB layout tolerances
Package Outline Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com