Electronic Components Datasheet Search
  English  ▼

X  

RGL34A Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # RGL34A
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

RGL34A Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  RGL34A Datasheet HTML 1Page - Diode Semiconductor Korea RGL34A Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-1.0A
-0.25A
0
+0.5A
trr
1cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(- )
(+ )
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M .22pF
FIG.5 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
SET TIME BASE FOR 75/150 ns /cm
0.8
1.0
1.2
1.4
1.6
1.8
0.001
0.01
0.1
1
10
TJ=25
Pulse Width=300us
0
25
50
75
100
125
150
175
0 .3
0.5
0.6
0 .4
0 .2
0 .1
RES IST IVE OR INDUCT IV E
LO A D
0.2X 0.2"(5.0X 5.0 m m )
CO PPE R PAD
ARE A S
0
110
100
5.0
10
TL=110℃
8.3ms SINGLE HALF SINE-WAVE
(JEDEC METHOD)
0
0.1
10
20
40
60
80
100
0.01
TA=125℃
TA=100℃
T
A=25℃
1
100
FIG.2 -- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
TERMINAL TEMPERATURE
℃
NUMBER OF CYCLES AT 60HZ
INSTANTANEOUS FORWARD VOLTAGE(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (
%)
RGL34A---RGL34M
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD CURRENT DERATING CURVE
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com