Electronic Components Datasheet Search
  English  ▼

X  

RGL41A Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # RGL41A
Description  SURFACE MOUNT RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

RGL41A Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  RGL41A Datasheet HTML 1Page - Diode Semiconductor Korea RGL41A Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLDERABLE ENDS
D2
D2=D1
+0
-0.20
0.5± 0.1
0.5± 0.1
4.9± 0.2
FEATURES
◇ Plastic package has underwriters laboratories
flammability classification 94V-0
◇ Glass passivated chip junction
◇ For surface mount applications
◇ High temperature metallurgically bonded construction
of 265℃ for 10 seconds in solder bath
MECHANICAL DATA
◇ Case: JEDEC DO-213AB,molded plastic
◇ Terminals: Axial lead ,solderable per
MIL- STD-750,Method 2026
◇ Polarity: Color band denotes cathode
◇ Weight: 0.0046 ounces, 0.116 grams
◇ Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate current by 20%.
RGL
41B
RGL
41D
RGL
41G
RGL
41J
RGL
41K
RGL
41M
UNITS
Maximum recurrent peak reverse voltage
100
200
400
600
800
1000
V
Maximum RMS voltage
70
140
280
420
560
700
V
Maximum DC blocking voltage
100
200
400
600
800
1000
V
Maximum average forward rectified current
TT=55℃
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage @1.0A
V
Maximum reverse current
@TA=25℃
at rated DC blocking voltage @TA=125℃
Maximum reverse recovery time (Note 1)
250
ns
Typical junction capacitance (Note 2)
pF
Typical thermal resistance (Note 3)
℃/W
Operating junction temperature range
℃
Storage temperature range
℃
NOTE: 1. Measured with IF=0.5A,IR=1.0A,Irr=0.25A
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance from junction to ambient, 0.24×0.24"(6.0×6.0mm) copper pads to each terminal.
1.3
trr
150
500
VDC
A
µA
I(AV)
1.0
IFSM
30
A
VF
IR
5.0
50
VRRM
VRMS
RGL
41A
50
50
35
Cj
Tj
TSTG
RθJA
- 55 ---- +175
- 55 ---- +175
15
75
RGL41A---RGL41M
◇ High temperature soldering guaranteed:450 ℃/5 seconds
DO - 213AB
VOLTAGE RANGE
: 50 --- 1000 V
CURRENT: 1.0 A
at terminals.Complete device sub-mersible temperature
◇ Cavity-free glass passivated junction
SURFACE MOUNT
RECTIFIERS
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - RGL41A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
RGL41A FCI-RGL41A Datasheet
157Kb / 2P
1.0 Amp FAST SWITCHING MEGARECTIFIERS
logo
Vishay Siliconix
RGL41A VISHAY-RGL41A Datasheet
111Kb / 5P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Apr-08
logo
TAITRON Components Inco...
RGL41A TAITRON-RGL41A Datasheet
201Kb / 4P
1.0A Surface Mount Fast Recovery Rectifier
logo
Vishay Siliconix
RGL41A VISHAY-RGL41A Datasheet
86Kb / 5P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
logo
Shenzhen Luguang Electr...
RGL41A LUGUANG-RGL41A Datasheet
191Kb / 2P
Surface Mount Rectifiers
More results

Similar Description - RGL41A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
DSR05A SUNMATE-DSR05A Datasheet
385Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS1AF SUNMATE-GS1AF Datasheet
516Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS2A SUNMATE-GS2A Datasheet
576Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS5A SUNMATE-GS5A Datasheet
314Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS5AC SUNMATE-GS5AC Datasheet
312Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S3AC SUNMATE-S3AC Datasheet
310Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S6A SUNMATE-S6A Datasheet
668Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S07A SUNMATE-S07A Datasheet
326Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S07AF SUNMATE-S07AF Datasheet
1Mb / 2P
SURFACE MOUNT RECTIFIER DIODES
S8A SUNMATE-S8A Datasheet
307Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com