Electronic Components Datasheet Search
  English  ▼

X  

RGP10B Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # RGP10B
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

RGP10B Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  RGP10B Datasheet HTML 1Page - Diode Semiconductor Korea RGP10B Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-1.0A
-0.25A
0
+0.5A
trr
1cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(- )
(+ )
T J -1 0 0
T J -2 5
T J -7 5
0.01
0
0.1
1.0
10
20
40
60
1 0 0
80
120
140
1
0.1
1
0.4
10
100
10
20
5
2
50
0.2
2
4
40
20
100
TJ=25
f=1MHZ
0.5
0.7
0.9
1.1
1.3
1.5
0.04
0.1
0.4
1.0
1.2
1.4
2.0
10
TJ=25
Pulse W idth=300 µS
1.7
1.9
0
0
1
10
5
10
15
25
30
20
100
4
2
40
20
TJ=125
8.3msSingleHalf
Sine-Wave
0
.2
.4
.6
.8
0
25
50
75
100
125
150
SinglePhase
Half Wave60HZ
Resistiveor
InductiveLoad
0.375"(9.5mm) LeadLength
1.0
200
175
REVERSE VOLTAGE,VOLTS
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
SET TIMEBASEFOR50/100 ns /cm
FIG.6 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
FIG.5 -- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M .22pF
FIG.3--TYPICAL FORWORD CHARACTERISTIC
FIG.1 -- FORWARD DERATING CURVE
FIG.2--PEAK FORWORD SURGE CURRENT
FIG.4 --REVERSE CURRENT VS REVERSE VOTAGE
NUMBER OF CYCLES AT 60 Hz
RGP10A(Z)---RGP10M(Z)
AMBIENT TEMPERATURE,
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com