Electronic Components Datasheet Search
  English  ▼

X  

IRF7342 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7342
Description  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7342 Datasheet(HTML) 6 Page - International Rectifier

  IRF7342 Datasheet HTML 1Page - International Rectifier IRF7342 Datasheet HTML 2Page - International Rectifier IRF7342 Datasheet HTML 3Page - International Rectifier IRF7342 Datasheet HTML 4Page - International Rectifier IRF7342 Datasheet HTML 5Page - International Rectifier IRF7342 Datasheet HTML 6Page - International Rectifier IRF7342 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRF7342
6
www.irf.com
SO-8 Package Details
K x 45 °
C
8X
L
8X
θ
H
0.2 5 (.0 10 )
M
A M
A
0 .10 (.00 4)
B 8X
0 .25 (.01 0)
M C A S B S
- C -
6X
e
- B -
D
E
- A -
8
7
6
5
1
2
3
4
5
6
5
RE CO M M E NDE D F O O TP R IN T
0 .72 (.02 8 )
8X
1 .78 (.07 0)
8X
6.46 ( .255 )
1.27 ( .0 50 )
3X
DIM
IN C H E S
M IL LIM E T E R S
M IN
M A X
M IN
M A X
A
.0532
.0688
1 .35
1 .75
A 1
.0040
.0098
0 .10
0 .25
B
.014
.018
0 .36
0 .46
C
.0 075
.0 098
0 .19
0.25
D
.1 89
.1 96
4 .80
4.98
E
.150
.157
3 .81
3 .99
e
.050 B A S IC
1.2 7 B A S IC
e1
.025 B A S IC
0.6 35 B A S IC
H
.2 284
.2 440
5 .80
6.20
K
.011
.019
0 .28
0 .48
L
0 .16
.050
0 .41
1.27
θ
0°
8°
0 °
8°
N O TES:
1 . DIM ENSIO NING AND TO L ERA NC IN G P ER AN S I Y1 4.5 M -198 2.
2 . CO NT RO L LIN G DIM ENSIO N : INCH.
3 . D IM EN SIO N S A RE SH O W N IN M ILLIM E TE R S (IN C HE S).
4 . O U T LIN E CO N F O RM S T O JED E C O U T LINE M S -0 12 AA .
DIM E NS IO N DO ES NO T INCLUDE M O LD PR O T RUS IO N S
M O LD P R O TR U SIO NS N O T T O EXCE ED 0 .2 5 (.00 6).
D IM E NS IO N S IS T H E LE N G TH O F L EA D F O R SO L DE R IN G TO A SU B ST RA T E..
5
6
A1
e1
θ
Part Marking



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com