Electronic Components Datasheet Search
  English  ▼

X  

OPA2234U Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA2234U
Description  Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2234U Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2234U Datasheet HTML 7Page - Texas Instruments OPA2234U Datasheet HTML 8Page - Texas Instruments OPA2234U Datasheet HTML 9Page - Texas Instruments OPA2234U Datasheet HTML 10Page - Texas Instruments OPA2234U Datasheet HTML 11Page - Texas Instruments OPA2234U Datasheet HTML 12Page - Texas Instruments OPA2234U Datasheet HTML 13Page - Texas Instruments OPA2234U Datasheet HTML 14Page - Texas Instruments OPA2234U Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
5-Dec-2015
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
OPA234EA/250
ACTIVE
VSSOP
DGK
8
250
Green (RoHS
& no Sb/Br)
CU NIPDAU | Call TI
Level-3-260C-168 HR
-40 to 125
A34
OPA234EA/250G4
ACTIVE
VSSOP
DGK
8
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 125
A34
OPA234EA/2K5
ACTIVE
VSSOP
DGK
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU | Call TI
Level-3-260C-168 HR
-40 to 125
A34
OPA234P
OBSOLETE
PDIP
P
8
TBD
Call TI
Call TI
OPA234PA
OBSOLETE
PDIP
P
8
TBD
Call TI
Call TI
OPA234U
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU-DCC
Level-3-260C-168 HR
-40 to 125
OPA
234U
OPA234U/2K5
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU-DCC
Level-3-260C-168 HR
-40 to 125
OPA
234U
OPA234UA
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU-DCC
Level-3-260C-168 HR
-40 to 125
OPA
234U
A
OPA234UA/2K5
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU-DCC
Level-3-260C-168 HR
-40 to 125
OPA
234U
A
OPA234UA/2K5E4
PREVIEW
SOIC
D
8
TBD
Call TI
Call TI
-40 to 125
OPA234UA/2K5G4
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU-DCC
Level-3-260C-168 HR
-40 to 125
OPA
234U
A
OPA234UAE4
PREVIEW
SOIC
D
8
TBD
Call TI
Call TI
-40 to 125
OPA234UAG4
OBSOLETE
SOIC
D
8
TBD
Call TI
Call TI
-40 to 125
OPA234UG4
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU-DCC
Level-3-260C-168 HR
-40 to 125
OPA
234U
OPA4234PA
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
OPA4234U
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU-DCC
Level-3-260C-168 HR
-40 to 85
OPA4234U
OPA4234U/2K5
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU-DCC
Level-3-260C-168 HR
-40 to 85
OPA4234U
OPA4234U/2K5E4
PREVIEW
SOIC
D
14
TBD
Call TI
Call TI
-40 to 85
OPA4234UA
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU-DCC
Level-3-260C-168 HR
-40 to 85
OPA4234U
A
OPA4234UA/2K5
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU-DCC
Level-3-260C-168 HR
-40 to 85
OPA4234U
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com