Electronic Components Datasheet Search
  English  ▼

X  

OPA445 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445
Description  High Voltage FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA445 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA445 Datasheet HTML 2Page - Texas Instruments OPA445 Datasheet HTML 3Page - Texas Instruments OPA445 Datasheet HTML 4Page - Texas Instruments OPA445 Datasheet HTML 5Page - Texas Instruments OPA445 Datasheet HTML 6Page - Texas Instruments OPA445 Datasheet HTML 7Page - Texas Instruments OPA445 Datasheet HTML 8Page - Texas Instruments OPA445 Datasheet HTML 9Page - Texas Instruments OPA445 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
OPA445
SBOS156B − MARCH 1987 − REVISED APRIL 2008
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VS = ±40V, unless otherwise noted.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
(V+)
(V+)
− 2
(V+)
− 4
(V+)
− 6
(V+)
− 8
(V+)
− 10
(V
−)+ 10
(V
−)+ 8
(V
−)+ 6
(V
−)+ 4
(V
−)+ 2
(V
−)
0
±5
±10
±15
±20
±30
±25
Output Current (mA)
Sinking
Current
Sourcing
Current
OUTPUT VOLTAGE SWING vs TEMPERATURE
(V+)
(V+)
− 1
(V+)
− 2
(V+)
− 3
(V+)
− 4
(V
−)+ 4
(V
−)+ 3
(V
−)+ 2
(V
−)+ 1
(V
−)
−75
−50
−25
0
25
50
125
75
100
Temperature (
_C)
Positive Swing
Negative Swing
−75
0
−50
−25
25
75
100
125
Ambient Temperature (
_C)
SUPPLY CURRENT vs TEMPERATURE
50
2
5
4
3
−50
−25
0
25
75
100
125
Temperature (
_C)
0
35
30
25
20
15
10
5
OUTPUT CURRENT vs TEMPERATURE
50
Output Current
V
O = ±35V
Short−Circuit Current
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (mV)
20
18
16
14
12
10
8
6
4
2
0
Typical production
distribution of
packaged units.
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/_C)
25
20
15
10
5
0
Typical production
distribution of
packaged units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com