Electronic Components Datasheet Search
  English  ▼

X  

OPA452FA/500 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA452FA/500
Description  80V, 50mA OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA452FA/500 Datasheet(HTML) 4 Page - Texas Instruments

  OPA452FA/500 Datasheet HTML 1Page - Texas Instruments OPA452FA/500 Datasheet HTML 2Page - Texas Instruments OPA452FA/500 Datasheet HTML 3Page - Texas Instruments OPA452FA/500 Datasheet HTML 4Page - Texas Instruments OPA452FA/500 Datasheet HTML 5Page - Texas Instruments OPA452FA/500 Datasheet HTML 6Page - Texas Instruments OPA452FA/500 Datasheet HTML 7Page - Texas Instruments OPA452FA/500 Datasheet HTML 8Page - Texas Instruments OPA452FA/500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
OPA452, 453
4
SBOS127C
www.ti.com
ELECTRICAL CHARACTERISTICS: OPA453; VS = ±10V to ±40V
Boldface limits apply over the specified junction temperature range, TJ = –40°C to +125°C.
At TJ = +25°C, RL = 3.8kΩ connected to ground, and VOUT = 0V, unless otherwise noted.
OPA453TA, FA
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = ±40V, VCM = 0V, IO = 0V
±1
±3mV
over Temperature
±6mV
Drift
dVOS/dT
±5
µV/
°C
vs Power Supply
PSRR
VS = ±10V to ±40V, VCM = 0V
5
30
µV/V
over Temperature
45
µV/V
INPUT BIAS CURRENT(1)
Input Bias Current
IB
VS = ±40V, VCM = 0V
±7
±100
pA
Input Offset Current
IOS
VS = ±40V, VCM = 0V
±1
±100
pA
NOISE
Input Voltage Noise Density
en
f = 1kHz
21
nV/√Hz
Current Noise Density
in
f = 1kHz
9
fA/√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) + 5
(V+) – 0.5
V
Common-Mode Rejection Ratio
CMRR
VS = ±40V, –35V < VCM < 39.5V
86
94
dB
over Temperature
VS = ±40V, –35V < VCM < 39.5V
76
dB
INPUT IMPEDANCE
Differential
1013 || 2
Ω || pF
Common-Mode
VS = ±40V, –35V < VCM < 39.5V
1013 || 6
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL IO = 10mA, –VS + 2V < VO < +VS – 2V
105
110
dB
over Temperature
IO = 10mA, –VS + 2V < VO < +VS – 2V
107
dB
IO = 50mA, –VS + 4V < VO < +VS – 4V
96
110
dB
over Temperature
IO = 50mA, –VS + 5V < VO < +VS – 5.5V
105
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
VS = ±40V
7.5
MHz
Slew Rate
SR
VS = ±40V
+23 / –38
V/
µs
Settling Time: 0.1%
VS = ±40V, G = +5, 10V Step, CL = 100pF
1
µs
0.01%
VS = ±40V, G = +5, 10V Step, CL = 100pF
1.5
µs
Overload Recovery Time
VIN • Gain = VS
1
µs
Total Harmonic Distortion + Noise
THD+N
VS = ±40V, VO = 30Vp-p, G = 5
0.0008
%
f = 1kHz, RL = 2kΩ
OUTPUT
Voltage Output
VOUT
IO = 50mA
(V–) + 4.0
(V+) – 4V
over Temperature
IO = 50mA
(V–) + 5
(V+) – 5.5
V
Voltage Output
IO = 10mA
(V–) + 2
(V+) – 2V
over Temperature
IO = 10mA
(V–) + 2
(V+) – 2V
Output Current
±50
mA
Short-Circuit Current
ISC
±125
mA
Capacitive Load Drive
CLOAD
See Typical Characteristic
SHUTDOWN FLAG
Thermal Shutdown Status Output
Normal Operation
VS = ±40V
0.1
1.0
µA
Thermally Shutdown
VS = ±40V
100
140
165
µA
Junction Temperature
Shutdown
+160
°C
Reset from Shutdown
+145
°C
POWER SUPPLY
Supply Voltage Range
VS
±10
±40
V
Quiescent Current (per amplifier)
IQ
IO = 0
±5.5
±6.5
mA
over Temperature
±7.5
mA
TEMPERATURE RANGE
TJ
Specified Range (junction)
TJ
–40
+125
°C
Operating Range (junction)
TA
–55
+125
°C
Storage Range (ambient)
–65
+150
°C
Thermal Resistance
θ
JC
TO200-7
3
°C/W
DDPAK-7
3
°C/W
NOTE: (1) All tests are high-speed tested at +25
°C ambient temperature. Effective junction temperature is +25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com