Electronic Components Datasheet Search
  English  ▼

X  

OPA337PA Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA337PA
Description  MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA337PA Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA337PA Datasheet HTML 4Page - Texas Instruments OPA337PA Datasheet HTML 5Page - Texas Instruments OPA337PA Datasheet HTML 6Page - Texas Instruments OPA337PA Datasheet HTML 7Page - Texas Instruments OPA337PA Datasheet HTML 8Page - Texas Instruments OPA337PA Datasheet HTML 9Page - Texas Instruments OPA337PA Datasheet HTML 10Page - Texas Instruments OPA337PA Datasheet HTML 11Page - Texas Instruments OPA337PA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
OPA337, OPA2337
OPA338, OPA2338
SBOS077B − JUNE 1997 − REVISED MARCH 2005
www.ti.com
8
APPLICATIONS INFORMATION
The OPA337 and OPA338 series are fabricated on a
state-of-the-art CMOS process. The OPA337 series is
unity-gain stable. The OPA338 series is optimized for
gains greater than or equal to 5. Both are suitable for a
wide range of general-purpose applications. Power-
supply pins should be bypassed with 0.01
µF ceramic
capacitors.
OPERATING VOLTAGE
The OPA337 series and OPA338 series can operate from
a
+2.5V
to
+5.5V
single
supply
with
excellent
performance. Unlike most op amps which are specified at
only one supply voltage, these op amps are specified for
real-world applications; a single limit applies throughout
the +2.7V to +5.5V supply range. This allows a designer
to have the same assured performance at any supply
voltage within the specified voltage range. Most behavior
remains unchanged throughout the full operating voltage
range. Parameters which vary significantly with operating
voltage are shown in the Typical Characteristic curves.
INPUT VOLTAGE
The input common-mode range extends from (V−) − 0.2V
to (V+) − 1.2V. For normal operation, inputs should be
limited to this range. The absolute maximum input voltage
is 500mV beyond the supplies. Inputs greater than the
input common-mode range but less than maximum input
voltage, while not valid, will not cause any damage to the
op amp. Furthermore, if input current is limited the inputs
may go beyond the power supplies without phase
inversion (as shown in Figure 1) unlike some other op
amps.
OPA337, V
IN = ± 3V Greater Than VS = ±2.5V
3V
0V
−3V
G=
±1 V
OUT,G = +1
(limited by input
common−mode
range)
V
OUT,G = −1
(not limited by
input common−
mode range)
Figure 1. OPA337—No Phase Inversion with
Inputs Greater than the Power-Supply Voltage
Normally, input currents are 0.2pA. However, large inputs
(greater than 500mV beyond the supply rails) can cause
excessive current to flow in or out of the input pins.
Therefore, as well as keeping the input voltage below the
maximum rating, it is also important to limit the input
current to less than 10mA. This is easily accomplished
with an input resistor as shown in Figure 2.
5k
Ω
OPA337
10mA max
+5V
V
IN
V
OUT
I
OVERLOAD
Figure 2. Input Current Protection for Voltages
Exceeding the Supply Voltage
USING THE OPA338 IN LOW GAINS
The OPA338 series is optimized for gains greater than or
equal to 5. It has significantly wider bandwidth (12.5MHz)
and faster slew rate (4.6V/
µs) when compared to the
OPA337 series. The OPA338 series can be used in lower
gain configurations at low frequencies while maintaining
its high slew rate with the proper compensation.
Figure 3 shows the OPA338 in a unity-gain buffer
configuration. At dc, the compensation capacitor C1 is
effectively open resulting in 100% feedback (closed-loop
gain = 1). As frequency increases, C1 becomes lower
impedance and closed-loop gain increases, eventually
becoming 1 + R2/R1 (in this case 5, which is equal to the
minimum gain required for stability).
C
1 =
1
2
πf
CR1
R
1
2.5k
Ω
C
1
68pF
R2
10k
Ω
OPA338
V
IN
V
OUT
Where f
C is the frequency at which closed−loop
gains less than 5 are not appropriate
see text.
Improved slew rate (4.6V/
µs) versus
OPA337 (1.2V/
µs) in unity gain.
Figure 3. Compensation of the OPA338 for
Unity-Gain Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com