Electronic Components Datasheet Search
  English  ▼

X  

LM4781 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4781
Description  Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4781 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4781 Datasheet HTML 1Page - National Semiconductor (TI) LM4781 Datasheet HTML 2Page - National Semiconductor (TI) LM4781 Datasheet HTML 3Page - National Semiconductor (TI) LM4781 Datasheet HTML 4Page - National Semiconductor (TI) LM4781 Datasheet HTML 5Page - National Semiconductor (TI) LM4781 Datasheet HTML 6Page - National Semiconductor (TI) LM4781 Datasheet HTML 7Page - National Semiconductor (TI) LM4781 Datasheet HTML 8Page - National Semiconductor (TI) LM4781 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM4781 Overture™ Audio Power Amplifier Series
3 Channel 35W Audio Power Amplifier with Mute
General Description
The LM4781 is a three channel audio amplifier capable of
typically delivering 35W per channel of continuous average
output power into an 8
Ω load with less than 0.5% THD+N
from 20Hz - 20kHz.
The LM4781 is fully protected utilizing National’s Self Peak
Instantaneous Temperature (˚Ke) (SPiKe
TM) protection cir-
cuitry. SPiKe provides a dynamically optimized Safe Operat-
ing Area (SOA). SPiKe protection completely safeguards the
LM4781’s outputs against over-voltage, under-voltage, over-
loads, shorts to the supplies or GND, thermal runaway and
instantaneous temperature peaks. The advanced protection
features of the LM4781 places it in a class above discrete
and hybrid amplifiers.
Each amplifier of the LM4781 has an independent smooth
transition fade-in/out mute.
The LM4781 can easily be configured for bridge or parallel
operation for higher power and bi-amp solutions.
Key Specifications
j Output Power/Channel with 0.5% THD+N,
1kHz into 8
Ω
35W (typ)
j THD+N at 3 x 20W into 8
Ω (20Hz - 20kHz) 0.2% (typ)
j THD+N at 3 x 20W into 6
Ω (20Hz - 20kHz) 0.3% (typ)
j THD+N at 3 x 20W into 4
Ω (20Hz - 20kHz) 0.5% (typ)
j Mute Attenuation
110dB (typ)
j PSRR
85dB (min)
j Slew Rate
9V/µs (typ)
Features
n
SPiKe Protection
n
Low external component count
n
Quiet fade-in/out mute mode
n
Wide supply range: 20V - 70V
n
Signal-to-Noise Ratio
≥ 93dB (ref. to P
O = 1W)
Applications
n
Audio amplifier for component stereo
n
Audio amplifier for compact stereo
n
Audio amplifier for self-powered speakers
n
Audio amplifier for high-end and HD TVs
Typical Application
SPiKe™ Protection and Overture™ are trademarks of National Semiconductor Corporation.
200673B5
FIGURE 1. Typical Audio Amplifier Application Circuit
August 2003
© 2003 National Semiconductor Corporation
DS200673
www.national.com


Similar Part No. - LM4781

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
LM4781TA/NOPB TI1-LM4781TA/NOPB Datasheet
1Mb / 31P
Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
LM4781TABD TI1-LM4781TABD Datasheet
1Mb / 31P
Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM4781TABD TI1-LM4781TABD Datasheet
1Mb / 31P
Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
More results

Similar Description - LM4781

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM3886 NSC-LM3886 Datasheet
745Kb / 20P
Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM4782 NSC-LM4782_06 Datasheet
1Mb / 27P
Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
Texas Instruments
LM4781 TI1-LM4781_14 Datasheet
1Mb / 31P
Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com